Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNT2020 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VCNT2020
Description  Reflective Optical Sensor with Transistor Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNT2020 Datasheet(HTML) 2 Page - Vishay Siliconix

  VCNT2020 Datasheet HTML 1Page - Vishay Siliconix VCNT2020 Datasheet HTML 2Page - Vishay Siliconix VCNT2020 Datasheet HTML 3Page - Vishay Siliconix VCNT2020 Datasheet HTML 4Page - Vishay Siliconix VCNT2020 Datasheet HTML 5Page - Vishay Siliconix VCNT2020 Datasheet HTML 6Page - Vishay Siliconix VCNT2020 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VCNT2020
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 19-Jan-18
2
Document Number: 84285
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ABSOLUTE MAXIMUM RATINGS
Fig. 1 - Power Dissipation vs. Ambient Temperature
Fig. 2 - Forward Current vs. Ambient Temperature
Fig. 3 - Test Circuit
0
20
40
60
80
100
120
140
160
180
0
20406080
100
T
amb - Ambient Temperature (°C)
R
thJA = 380 K/W
0
20
40
60
80
100
120
0
20406080
100
T
amb - Ambient Temperature (°C)
R
thJA = 380 K/W
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT (EMITTER)
Forward voltage
IF = 20 mA
VF
-
1.25
1.4
V
IF = 100 mA
-
1.5
1.7
Temperature coefficient of VF
IF = 20 mA
TKVF
--1.0
-
mV/K
Peak wavelength
IF = 100 mA
λP
-
940
-
nm
Reverse current
VR = 5 V
IR
-
-
10
μA
OUTPUT (DETECTOR)
Collector emitter breakdown voltage
IC = 0.1 mA, E = 0
V(BR)CEO
20
-
-
V
Emitter collector voltage
IE = 100 μA, E = 0
VECO
7-
-
V
Collector emitter dark current
VCE = 5 V, E = 0
ICEO
-
1
100
nA
SENSOR
Collector current
VCE = 5 V, IF = 20 mA, d = 1 mm
IC
0.5
1.6
3.5
mA
Current transfer ratio
IC/IF, d = 1 mm, VCE = 5 V
CTR
-
8
-
%
Rise time
IC = 0.8 mA, VCE = 5 V, RL = 100
Ω
tr
-10
70
μs
Fall time
IC = 0.8 mA, VCE = 5 V, RL = 100
Ω
tf
-15
70
μs
Object:
flat mirror
d = working distance 1 mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com