Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRK1000A Datasheet (PDF) - STMicroelectronics

SRK1000A Datasheet PDF - STMicroelectronics
Part # SRK1000A
Download  SRK1000A Download
File Size   1298.62 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Adaptive synchronous rectification controller for flyback converter

SRK1000A Datasheet (PDF)

Go To PDF Page Download Datasheet
SRK1000A Datasheet PDF - STMicroelectronics

Part # SRK1000A
Download  SRK1000A Click to download

File Size   1298.62 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Adaptive synchronous rectification controller for flyback converter

SRK1000A Datasheet (HTML) - STMicroelectronics


SRK1000A Product details

Features
 Secondary side synchronous rectification
controller optimized for flyback converter
 Suitable for QR and mixed CCM/DCM fixed
frequency operation
 Wide Vcc operating voltage range 3.75 to 32 V
 CC regulation operation down to 2 V output
supported
 Very low quiescent current in low consumption
mode (160 μA)
 High-voltage sensing input for SR MOSFET
drain-source voltage (100 V AMR)
 Operating frequency up to 300 kHz
 High-current gate-drive output for N-MOSFET
 Fast turn-on with minimum delay time and
adaptive turn-off logic
 Programmable min. TON and fixed min. TOFF (3
options: SRK1000, SRK1000A, SRK1000B)
 Low consumption mode entry by primary side
burst-mode detection or by detection of SR
MOSFET conduction lower than programmed
min TON
 SOT23-6L package

Applications
 Battery chargers / quick chargers
 Adapters
 USB power delivery (profile 3)

Description
The SRK1000 is a controller intended for
secondary side synchronous rectification (SR) in
flyback converters, suitable for operation in QR
and mixed CCM/DCM fixed frequency circuits.
It provides a high-current gate-drive output,
capable of driving N-channel Power MOSFETs.
The control scheme of this IC is such that the SR
MOSFET is switched on as soon as current starts
flowing through its body diode and it is then
switched off as current approaches zero.
The fast turn-on, with minimum delay, and the
innovative adaptive turn-off logic allow
maximizing the conduction time of the SR
MOSFET and eliminating the effect of parasitic
inductance in the circuit.
The device enters low consumption mode when it
detects primary controller burst-mode operation,
or when the SR MOSFET conduction becomes
lower than the programmed minimum TON. In this
way, converter efficiency improves at light load
where synchronous rectification is no longer
beneficial.
After the converter restarts switching or the IC
detects that the current conduction in the rectifiers
has increased 20% above the min TON
programmed value, the IC exits low consumption
mode and resumes switching operation.




Similar Part No. - SRK1000A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRK1000 STMICROELECTRONICS-SRK1000 Datasheet
1Mb / 7P
48 V flyback converter 12 V ??5 A based on PM8804
Rev 1 - February 2020
More results


Similar Description - SRK1000A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRK2001 STMICROELECTRONICS-SRK2001 Datasheet
446Kb / 22P
Adaptive synchronous rectification controller for LLC resonant converter
12-May-2015
EVLSRK1000-PF STMICROELECTRONICS-EVLSRK1000-PF Datasheet
189Kb / 4P
SRK1000 adaptive synchronous rectification controller for flyback converter demonstration board with logic level SR MOSFET
19-Oct-2018
EVLSRK1000-TO STMICROELECTRONICS-EVLSRK1000-TO Datasheet
198Kb / 4P
SRK1000 adaptive synchronous rectification controller for flyback converter demonstration board with STF80N10F7
19-Oct-2018
EVLSRK1000A-PF STMICROELECTRONICS-EVLSRK1000A-PF Datasheet
190Kb / 4P
SRK1000A adaptive synchronous rectification controller for flyback converter demonstration board with logic level SR MOSFET
19-Oct-2018
EVLSRK1000A-TO STMICROELECTRONICS-EVLSRK1000A-TO Datasheet
200Kb / 4P
SRK1000A adaptive synchronous rectification controller for flyback converter demonstration board with STF80N10F7
19-Oct-2018
EVLSRK1000B-PF STMICROELECTRONICS-EVLSRK1000B-PF Datasheet
190Kb / 4P
SRK1000B adaptive synchronous rectification controller for flyback converter demonstration board with logic level SR MOSFET
19-Oct-2018
EVLSRK1000B-TO STMICROELECTRONICS-EVLSRK1000B-TO Datasheet
198Kb / 4P
SRK1000B adaptive synchronous rectification controller for flyback converter demonstration board with STF80N10F7
19-Oct-2018
EVLSRK1001-PF STMICROELECTRONICS-EVLSRK1001-PF Datasheet
272Kb / 4P
SRK1001 adaptive synchronous rectification controller for flyback converter demonstration board with SR MOSFET
30-Oct-2019
EVLSRK1001-TO STMICROELECTRONICS-EVLSRK1001-TO Datasheet
2Mb / 4P
SRK1001 adaptive synchronous rectification controller for flyback converter demonstration board with SR MOSFET
30-Oct-2019
SRK1001 STMICROELECTRONICS-SRK1001 Datasheet
605Kb / 27P
Adaptive synchronous rectification controller for flyback converter
29-Nov-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com