Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRK1001 Datasheet (PDF) - STMicroelectronics

SRK1001 Datasheet PDF - STMicroelectronics
Part # SRK1001
Download  SRK1001 Download
File Size   605.05 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Adaptive synchronous rectification controller for flyback converter

SRK1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
SRK1001 Datasheet PDF - STMicroelectronics

Part # SRK1001
Download  SRK1001 Click to download

File Size   605.05 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Adaptive synchronous rectification controller for flyback converter

SRK1001 Datasheet (HTML) - STMicroelectronics


SRK1001 Product details

Features
• Secondary side synchronous rectification controller optimized for flyback
converter
• Suitable for QR and mixed CCM/DCM fixed frequency operation
• Wide VCC operating voltage range 3.7 to 32 V
• CC regulation operation down to 2V output supported
• Very low quiescent current in low consumption mode (170 μA)
• High-voltage sensing input for SR MOSFET drain-source voltage (185 V AMR)
• Operating frequency up to 300 kHz
• High-current gate-drive output for N-MOSFET
• Fast turn-on with minimum delay time and adaptive turn-off logic
• Programmable minimum TON and TOFF
• Low consumption mode entry by DIS pin, by primary side burst-mode detection
or by detection of SR MOSFET conduction lower than programmed min. TON
• SO8 package

Applications
• AC-DC adapters
• Battery chargers / quick chargers
• USB power delivery (profile 4)
• Industrial SMPS

Description
The SRK1001 controller is designed for secondary side synchronous rectification
(SR) in flyback converters, suitable for operation in QR and mixed CCM/DCM fixed
frequency circuits.
It provides a high-current gate-drive output capable of driving N-channel Power
MOSFETs.
The control scheme of this IC is such that the SR MOSFET is switched on as soon as
current starts flowing through its body diode, and then switched off as current
approaches zero.
The fast turn-on with minimum delay and innovative adaptive turn-off logic allow
maximizing the conduction time of the SR MOSFET and eliminating the effect of
parasitic inductance in the circuit.
The device enters low consumption mode when it detects primary controller burstmode
operation, or when the DIS pin is pulled up by the user, or when the SR
MOSFET conduction falls below the programmed minimum TON. This improves the
converter efficiency at light load, where synchronous rectification is no longer
beneficial.
After the converter restarts switching or the DIS pin goes low again and the IC
detects that the current conduction in the rectifiers has increased 20% above the min
TON programmed value, the IC exits low consumption mode and resumes switching
operation.




Similar Part No. - SRK1001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRK1000 STMICROELECTRONICS-SRK1000 Datasheet
1Mb / 7P
48 V flyback converter 12 V ??5 A based on PM8804
Rev 1 - February 2020
SRK1000A STMICROELECTRONICS-SRK1000A Datasheet
1Mb / 27P
Adaptive synchronous rectification controller for flyback converter
16-Oct-2018
SRK1000B STMICROELECTRONICS-SRK1000B Datasheet
1Mb / 27P
Adaptive synchronous rectification controller for flyback converter
16-Oct-2018
SRK1000 STMICROELECTRONICS-SRK1000_V01 Datasheet
1Mb / 27P
Adaptive synchronous rectification controller for flyback converter
16-Oct-2018
More results


Similar Description - SRK1001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRK2001 STMICROELECTRONICS-SRK2001 Datasheet
446Kb / 22P
Adaptive synchronous rectification controller for LLC resonant converter
12-May-2015
EVLSRK1000-PF STMICROELECTRONICS-EVLSRK1000-PF Datasheet
189Kb / 4P
SRK1000 adaptive synchronous rectification controller for flyback converter demonstration board with logic level SR MOSFET
19-Oct-2018
EVLSRK1000-TO STMICROELECTRONICS-EVLSRK1000-TO Datasheet
198Kb / 4P
SRK1000 adaptive synchronous rectification controller for flyback converter demonstration board with STF80N10F7
19-Oct-2018
EVLSRK1000A-PF STMICROELECTRONICS-EVLSRK1000A-PF Datasheet
190Kb / 4P
SRK1000A adaptive synchronous rectification controller for flyback converter demonstration board with logic level SR MOSFET
19-Oct-2018
EVLSRK1000A-TO STMICROELECTRONICS-EVLSRK1000A-TO Datasheet
200Kb / 4P
SRK1000A adaptive synchronous rectification controller for flyback converter demonstration board with STF80N10F7
19-Oct-2018
EVLSRK1000B-PF STMICROELECTRONICS-EVLSRK1000B-PF Datasheet
190Kb / 4P
SRK1000B adaptive synchronous rectification controller for flyback converter demonstration board with logic level SR MOSFET
19-Oct-2018
EVLSRK1000B-TO STMICROELECTRONICS-EVLSRK1000B-TO Datasheet
198Kb / 4P
SRK1000B adaptive synchronous rectification controller for flyback converter demonstration board with STF80N10F7
19-Oct-2018
EVLSRK1001-PF STMICROELECTRONICS-EVLSRK1001-PF Datasheet
272Kb / 4P
SRK1001 adaptive synchronous rectification controller for flyback converter demonstration board with SR MOSFET
30-Oct-2019
EVLSRK1001-TO STMICROELECTRONICS-EVLSRK1001-TO Datasheet
2Mb / 4P
SRK1001 adaptive synchronous rectification controller for flyback converter demonstration board with SR MOSFET
30-Oct-2019
SRK1000A STMICROELECTRONICS-SRK1000A Datasheet
1Mb / 27P
Adaptive synchronous rectification controller for flyback converter
16-Oct-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com