Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1010 Datasheet (PDF) - ON Semiconductor

NCP1010 Datasheet PDF - ON Semiconductor
Part # NCP1010
Download  NCP1010 Download
File Size   501.01 Kbytes
Page   25 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS

NCP1010 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP1010 Datasheet PDF - ON Semiconductor

Part # NCP1010
Download  NCP1010 Click to download

File Size   501.01 Kbytes
Page   25 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS

NCP1010 Datasheet (HTML) - ON Semiconductor


NCP1010 Product details

The NCP101X series integrates a fixed−frequency current−mode
controller and a 700 V MOSFET. Housed in a PDIP−7 or SOT−223
package, the NCP101X offers everything needed to build a rugged and
low−cost power supply, including soft−start, frequency jittering,
short−circuit protection, skip−cycle, a maximum peak current setpoint
and a Dynamic Self−Supply (no need for an auxiliary winding).
Unlike other monolithic solutions, the NCP101X is quiet by nature:
during nominal load operation, the part switches at one of the available
frequencies (65 − 100 − 130 kHz). When the current setpoint falls
below a given value, e.g. the output power demand diminishes, the IC
automatically enters the so−called skip−cycle mode and provides
excellent efficiency at light loads. Because this occurs at typically 1/4
of the maximum peak value, no acoustic noise takes place. As a result,
standby power is reduced to the minimum without acoustic noise
generation.
Short−circuit detection takes place when the feedback signal fades
away, e.g. in true short−circuit conditions or in broken Optocoupler
cases. External disabling is easily done either simply by pulling the
feedback pin down or latching it to ground through an inexpensive
SCR for complete latched−off. Finally soft−start and frequency
jittering further ease the designer task to quickly develop low−cost and
robust offline power supplies.
For improved standby performance, the connection of an auxiliary
winding stops the DSS operation and helps to consume less than
100 mW at high line. In this mode, a built−in latched overvoltage
protection prevents from lethal voltage runaways in case the
Optocoupler would brake. These devices are available in economical
8−pin dual−in−line and 4−pin SOT−223 packages.

Features
• Built−in 700 V MOSFET with Typical RDSon of 11 
and 22 
• Large Creepage Distance Between High−Voltage Pins
• Current−Mode Fixed Frequency Operation:
65 kHz – 100 kHz − 130 kHz
• Skip−Cycle Operation at Low Peak Currents Only:
No Acoustic Noise!
• Dynamic Self−Supply, No Need for an Auxiliary
Winding
• Internal 1.0 ms Soft−Start
• Latched Overvoltage Protection with Auxiliary
Winding Operation
• Frequency Jittering for Better EMI Signature
• Auto−Recovery Internal Output Short−Circuit
Protection
• Below 100 mW Standby Power if Auxiliary Winding
is Used
• Internal Temperature Shutdown
• Direct Optocoupler Connection
• SPICE Models Available for TRANsient Analysis
• These are Pb−Free and Halide−Free Devices

Typical Applications
• Low Power AC/DC Adapters for Chargers
• Auxiliary Power Supplies (USB, Appliances,TVs, etc.)




Similar Part No. - NCP1010

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1010 ONSEMI-NCP1010 Datasheet
324Kb / 24P
Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
September, 2004 ??Rev. 10
NCP1010 ONSEMI-NCP1010 Datasheet
476Kb / 24P
Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1010 ONSEMI-NCP1010 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1010 ONSEMI-NCP1010 Datasheet
739Kb / 6P
Power Factor Controllers
Rev. 7, Sep-2006
NCP1010 ONSEMI-NCP1010 Datasheet
591Kb / 24P
Self--Supplied Monolithic Switcher for Low Standby--Power Offline SMPS
December, 2010 -- Rev. 22
More results


Similar Description - NCP1010

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1014 ONSEMI-NCP1014 Datasheet
324Kb / 24P
Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
September, 2004 ??Rev. 10
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
476Kb / 24P
Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1028 ONSEMI-NCP1028 Datasheet
633Kb / 29P
High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2007 ??Rev. 0
NCP1015 ONSEMI-NCP1015 Datasheet
336Kb / 22P
Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
October, 2007 - Rev. 1
NCP1010 ONSEMI-NCP1010 Datasheet
591Kb / 24P
Self--Supplied Monolithic Switcher for Low Standby--Power Offline SMPS
December, 2010 -- Rev. 22
NCP1015 ONSEMI-NCP1015_11 Datasheet
403Kb / 22P
Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1015AP065G ONSEMI-NCP1015AP065G Datasheet
403Kb / 22P
Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010_14 Datasheet
351Kb / 23P
Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
September, 2014 ??Rev. 23
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com