Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTR4101P Datasheet (PDF) - ON Semiconductor

NTR4101P Datasheet PDF - ON Semiconductor
Part # NTR4101P
Download  NTR4101P Download
File Size   219.5 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET – Power, Single P-Channel, Trench, SOT-23 -20 V

NTR4101P Datasheet (PDF)

Go To PDF Page Download Datasheet
NTR4101P Datasheet PDF - ON Semiconductor

Part # NTR4101P
Download  NTR4101P Click to download

File Size   219.5 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET – Power, Single P-Channel, Trench, SOT-23 -20 V

NTR4101P Datasheet (HTML) - ON Semiconductor


NTR4101P Product details

Features
• Leading −20 V Trench for Low RDS(on)
• −1.8 V Rated for Low Voltage Gate Drive
• SOT−23 Surface Mount for Small Footprint
• NTRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant

Applications
• Load/Power Management for Portables
• Load/Power Management for Computing
• Charging Circuits and Battery Protection




Similar Part No. - NTR4101P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR4101P ONSEMI-NTR4101P Datasheet
56Kb / 6P
Trench Power MOSFET -20 V, Single P-Channel, SOT-23
October, 2004 ??Rev. 3
logo
ZP Semiconductor
NTR4101P ZPSEMI-NTR4101P Datasheet
232Kb / 2P
Trench Power MOSFET
logo
ON Semiconductor
NTR4101P ONSEMI-NTR4101P Datasheet
81Kb / 5P
Trench Power MOSFET
October, 2016 ??Rev. 12
NTR4101PT1 ONSEMI-NTR4101PT1 Datasheet
56Kb / 6P
Trench Power MOSFET -20 V, Single P-Channel, SOT-23
October, 2004 ??Rev. 3
NTR4101PT1 ONSEMI-NTR4101PT1 Datasheet
125Kb / 5P
Trench Power MOSFET ??0 V, Single P?묬hannel, SOT??3
June, 2010 ??Rev. 5
More results


Similar Description - NTR4101P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR0202PL ONSEMI-NTR0202PL Datasheet
54Kb / 6P
Power MOSFET -20 V, -400 mA, P-Channel SOT-23 Package
July, 2004 ??Rev. 2
NTR4101P ONSEMI-NTR4101P Datasheet
56Kb / 6P
Trench Power MOSFET -20 V, Single P-Channel, SOT-23
October, 2004 ??Rev. 3
NTR1P02LT1 ONSEMI-NTR1P02LT1_06 Datasheet
124Kb / 5P
Power MOSFET -20 V, -1.3 A, P-Channel SOT-23 Package
May, 2006 ??Rev. 8
NTR0202PL ONSEMI-NTR0202PL_06 Datasheet
141Kb / 5P
Power MOSFET -20 V, -400 mA, P-Channel SOT-23 Package
March, 2006 ??Rev. 4
BSS84LT1 ONSEMI-BSS84LT1_12 Datasheet
104Kb / 4P
Power MOSFET Single P-Channel SOT-23 -50 V, 10
March, 2012 ??Rev. 7
BVSS84LT1G ONSEMI-BVSS84LT1G Datasheet
105Kb / 4P
Power MOSFET Single P-Channel SOT-23 -50 V, 10 
October, 2012 ??Rev. 8
logo
Nexperia B.V. All right...
PMN42XPE NEXPERIA-PMN42XPE Datasheet
710Kb / 14P
20 V, single P-channel Trench MOSFET
PMN27XPE NEXPERIA-PMN27XPE Datasheet
323Kb / 14P
20 V, single P-channel Trench MOSFET
logo
ON Semiconductor
BSS84L ONSEMI-BSS84L Datasheet
190Kb / 5P
MOSFET - Power, Single P-Channel, SOT-23 -50 V, 10
December, 2020 ??Rev. 13
logo
Nexperia B.V. All right...
PMZB350UPE NEXPERIA-PMZB350UPE Datasheet
701Kb / 14P
20 V, single P-channel Trench MOSFET
1 August 2012
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com