Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTR4101P Datasheet (PDF) - ZP Semiconductor

NTR4101P Datasheet PDF - ZP Semiconductor
Part # NTR4101P
Download  NTR4101P Download
File Size   232.24 Kbytes
Page   2 Pages
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor
Description Trench Power MOSFET

NTR4101P Datasheet (PDF)

Go To PDF Page Download Datasheet
NTR4101P Datasheet PDF - ZP Semiconductor

Part # NTR4101P
Download  NTR4101P Click to download

File Size   232.24 Kbytes
Page   2 Pages
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor
Description Trench Power MOSFET

NTR4101P Datasheet (HTML) - ZP Semiconductor


NTR4101P Product details

Features
• Leading −20 V Trench for Low RDS(on)
• −1.8 V Rated for Low Voltage Gate Drive
• SOT−23 Surface Mount for Small Footprint
• NTRV Prefix for Automotive and Other Applications Requiring
    Unique Site and Control Change Requirements; AEC−Q101
    Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant

Applications
• Load/Power Management for Portables
• Load/Power Management for Computing
• Charging Circuits and Battery Protection




Similar Part No. - NTR4101P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR4101P ONSEMI-NTR4101P Datasheet
56Kb / 6P
Trench Power MOSFET -20 V, Single P-Channel, SOT-23
October, 2004 ??Rev. 3
NTR4101P ONSEMI-NTR4101P Datasheet
81Kb / 5P
Trench Power MOSFET
October, 2016 ??Rev. 12
NTR4101P ONSEMI-NTR4101P Datasheet
219Kb / 6P
MOSFET – Power, Single P-Channel, Trench, SOT-23 -20 V
June, 2019 - Rev. 12
NTR4101PT1 ONSEMI-NTR4101PT1 Datasheet
56Kb / 6P
Trench Power MOSFET -20 V, Single P-Channel, SOT-23
October, 2004 ??Rev. 3
NTR4101PT1 ONSEMI-NTR4101PT1 Datasheet
125Kb / 5P
Trench Power MOSFET ??0 V, Single P?묬hannel, SOT??3
June, 2010 ??Rev. 5
More results


Similar Description - NTR4101P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
FMM200-0075P IXYS-FMM200-0075P Datasheet
116Kb / 2P
Trench Power MOSFET
FMM300-0055P IXYS-FMM300-0055P Datasheet
46Kb / 2P
Trench Power MOSFET
IXUC160N075 IXYS-IXUC160N075 Datasheet
55Kb / 2P
Trench Power MOSFET
FMM200-004PL IXYS-FMM200-004PL Datasheet
46Kb / 2P
Trench Power MOSFET
FMM65-015P IXYS-FMM65-015P Datasheet
30Kb / 2P
Trench Power MOSFET
FMM140-004PL IXYS-FMM140-004PL Datasheet
32Kb / 2P
Trench Power MOSFET
logo
ON Semiconductor
NTMD4102PR2 ONSEMI-NTMD4102PR2 Datasheet
47Kb / 4P
Trench Power MOSFET
March, 2003 - Rev. 0
NTR4101P ONSEMI-NTR4101P_16 Datasheet
81Kb / 5P
Trench Power MOSFET
October, 2016 ??Rev. 12
NTJS3157N ONSEMI-NTJS3157N_13 Datasheet
111Kb / 6P
Trench Power MOSFET
January, 2013 ??Rev. 3
NTJS3151P ONSEMI-NTJS3151P_16 Datasheet
73Kb / 5P
Trench Power MOSFET
June, 2016 ??Rev. 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com