Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY87702LHI Datasheet (PDF) - Micrel Semiconductor

SY87702LHI Datasheet PDF - Micrel Semiconductor
Part # SY87702LHI
Download  SY87702LHI Download
File Size   112.31 Kbytes
Page   14 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY

SY87702LHI Datasheet (PDF)

Go To PDF Page Download Datasheet
SY87702LHI Datasheet PDF - Micrel Semiconductor

Part # SY87702LHI
Download  SY87702LHI Click to download

File Size   112.31 Kbytes
Page   14 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY

SY87702LHI Datasheet (HTML) - Micrel Semiconductor


SY87702LHI Product details

DESCRIPTION
The SY87702L is a complete Clock Recovery and Data retiming integrated circuit for data rates from 28Mbps up to 2.5Gbps NRZ. The device is ideally suited for SONET/SDH/ATM, Fibre Channel, and Gigabit Ethernet applications, as well as other high-speed data transmission applications.

FEATURES
■ 3.3V power supply
■ Complies with Bellcore, ITU/CCITT and ANSI specifications for applications such as OC-1, OC-3, OC-12, OC-48*, and ATM
■ Compatible with FDDI, Gigabit Ethernet, Fibre Channel, 2X Fibre Channel, SMPTE 259 and 292, and proprietary applications
■ Low power
■ Clock and data recovery from 28Mbps up to 2.5Gbps NRZ data stream
■ Selectable reference frequencies via programmable multiplier
■ Differential PECL and CML high-speed serial outputs
■ Line receiver input: no external buffering needed
■ Link fault indication
■ 100K ECL compatible I/O
■ Available in 64-Pin EP-TQFP package
■ Product obsolete. Use SY87721L for new designs

APPLICATIONS
■ Transponders and section repeaters
■ Multiplexers: access, add drop (ADM), and terminal (TM)
■ SONET/SDH/ATM: -based transmission systems, modules, and test equipment
■ Terabit routers and broadband cross-connects
■ Fibre optic test equipment
■ HDTV switching and transmission




Similar Part No. - SY87702LHI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87702LHI MICREL-SY87702LHI Datasheet
555Kb / 14P
3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY87702LHITR MICREL-SY87702LHITR Datasheet
555Kb / 14P
3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
More results


Similar Description - SY87702LHI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87700L MICREL-SY87700L Datasheet
151Kb / 12P
3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V Datasheet
152Kb / 12P
5V/3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87721L MICREL-SY87721L Datasheet
160Kb / 15P
3.3V 28Mbps-2.7Gbps ANYRATE CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701AL MICREL-SY87701AL Datasheet
158Kb / 15P
3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87702L MICREL-SY87702L_06 Datasheet
555Kb / 14P
3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY87813L MICREL-SY87813L Datasheet
478Kb / 15P
3.3V, 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
SY87701AL MICREL-SY87701AL_07 Datasheet
151Kb / 15P
3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com