Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY87700L Datasheet (PDF) - Micrel Semiconductor

SY87700L Datasheet PDF - Micrel Semiconductor
Part # SY87700L
Download  SY87700L Download
File Size   151.84 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY

SY87700L Datasheet (PDF)

Go To PDF Page Download Datasheet
SY87700L Datasheet PDF - Micrel Semiconductor

Part # SY87700L
Download  SY87700L Click to download

File Size   151.84 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY

SY87700L Datasheet (HTML) - Micrel Semiconductor


SY87700L Product details

DESCRIPTION

The SY87700L is a complete Clock Recovery and Data Retiming integrated circuit for data rates from 32Mbps

up to 175Mbps NRZ. The device is ideally suited for SONET/SDH/ATM applications and other high-speed data

transmission systems.



FEATURES

■Industrial temperature range (–40°C to +85°C)

■3.3V power supply

■SONET/SDH/ATM compatible

■Clock and data recovery from 32Mbps up to

   175Mbps NRZ data stream, clock generation from 32Mbps to 175Mbps

■Two on-chip PLLs: one for clock generation and another for clock recovery

■Selectable reference frequencies

■Differential PECL high-speed serial I/O

■Line receiver input: no external buffering needed

■Link Fault indication

■100k ECL compatible I/O

■Complies with Bellcore, ITU/CCITT and ANSI specifications for applications such as OC-1 and OC-3 as well as proprietary applications

■Available in 32-pin EPAD-TQFP and 28-pin SOIC packages (28-pin SOIC is available, but is not recommended for new designs.)




Similar Part No. - SY87700L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87700L MICREL-SY87700L Datasheet
569Kb / 14P
3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L Datasheet
153Kb / 14P
3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87700AL for new designs
SY87700LHG MICREL-SY87700LHG Datasheet
569Kb / 14P
3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700LHG MICREL-SY87700LHG Datasheet
153Kb / 14P
3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87700AL for new designs
SY87700LHGTR MICREL-SY87700LHGTR Datasheet
569Kb / 14P
3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
More results


Similar Description - SY87700L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87700V MICREL-SY87700V Datasheet
152Kb / 12P
5V/3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V Datasheet
152Kb / 12P
5V/3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_06 Datasheet
575Kb / 15P
5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V_06 Datasheet
151Kb / 15P
5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_08 Datasheet
145Kb / 15P
5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V_08 Datasheet
145Kb / 15P
5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L Datasheet
153Kb / 14P
3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87700AL for new designs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com