Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY87701V Datasheet (PDF) - Micrel Semiconductor

SY87701V Datasheet PDF - Micrel Semiconductor
Part # SY87701V
Download  SY87701V Download
File Size   152.45 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY

SY87701V Datasheet (PDF)

Go To PDF Page Download Datasheet
SY87701V Datasheet PDF - Micrel Semiconductor

Part # SY87701V
Download  SY87701V Click to download

File Size   152.45 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY

SY87701V Datasheet (HTML) - Micrel Semiconductor


SY87701V Product details

DESCRIPTION

The SY87701V is a complete Clock Recovery and Data Retiming integrated circuit for data rates from 32Mbps up to 1.25Gbps NRZ. The device is ideally suited for SONET/SDH/ATM and Fibre Channel applications and other high-speed data transmission systems.

Clock recovery and data retiming is performed by synchronizing the on-chip VCO directly to the incoming data stream. The VCO center frequency is controlled by the reference clock frequency and the selected divide ratio. On-chip clock generation is performed through the use of a frequency multiplier PLL with a byte rate source as reference.



FEATURES

■ 3.3V and 5V power supply options

■ Clock and data recovery from 32Mbps up to 1.25Gbps NRZ data stream, clock generation from 32Mbps to 1.25Gbps

■ Complies with Bellcore, ITU/CCITT and ANSI specifications for applications such as OC-1, OC-3, OC-12, ATM, FDDI, Fibre Channel and Gigabit Ethernet, as well as proprietary applications

■ Two on-chip PLLs: one for clock generation and another for clock recovery

■ Selectable reference frequencies

■ Differential PECL high-speed serial I/O

■ Line receiver input: no external buffering needed

■ Link fault indication

■ 100K ECL compatible I/O

■ Available in 32-pin EPAD-TQFP and 28-pin SOIC packages (28-pin SOIC is available, but not recommended for new designs, see page 2 for details



APPLICATIONS

■ SONET/SDH/ATM OC-1, OC-3, OC-12, OC-24

■ Fibre Channel, Escon, SMPTE 259

■ Gigabit Ethernet/Fast Ethernet

■ Proprietary architecture up to 1.25Gbps



 




Similar Part No. - SY87701V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87701V MICREL-SY87701V Datasheet
151Kb / 15P
5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701VHC MICREL-SY87701VHC Datasheet
151Kb / 15P
5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701VHC MICREL-SY87701VHC Datasheet
145Kb / 15P
5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701VHCTR MICREL-SY87701VHCTR Datasheet
151Kb / 15P
5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701VHCTR MICREL-SY87701VHCTR Datasheet
145Kb / 15P
5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
More results


Similar Description - SY87701V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87700L MICREL-SY87700L Datasheet
151Kb / 12P
3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V Datasheet
152Kb / 12P
5V/3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_06 Datasheet
575Kb / 15P
5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V_06 Datasheet
151Kb / 15P
5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_08 Datasheet
145Kb / 15P
5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V_08 Datasheet
145Kb / 15P
5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_11 Datasheet
152Kb / 14P
3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87701AL for new designs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com