Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC132FN Datasheet (PDF) - Toshiba Semiconductor

TC74VHC132FN Datasheet PDF - Toshiba Semiconductor
Part # TC74VHC132FN
Download  TC74VHC132FN Download
File Size   273.9 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description QUAD 2-INPUT SCHMITT NAND GATE

TC74VHC132FN Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHC132FN Datasheet PDF - Toshiba Semiconductor

Part # TC74VHC132FN
Download  TC74VHC132FN Click to download

File Size   273.9 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description QUAD 2-INPUT SCHMITT NAND GATE

TC74VHC132FN Datasheet (HTML) - Toshiba Semiconductor


TC74VHC132FN Product details

The TC74VHC132 is an advanced high speed CMOS 2-INPUT
SCHMITT NAND GATE fabricated with silicon gate C2MOS
technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation.
Pin configuration and function are the same as the
TC74VHC00 but the inputs have hysteresis and with its
schmitt trigger function, the TC74VHC132 can be used as a
line receivers which will receive slow input signals.
An input protection circuit ensures that 0 to 7V can be
applied to the input pins without regard to the supply
voltage. This device can be used to interface 5V to 3V
systems and two supply systems such as battery back up.
This circuit prevents device destruction due to mismatched
supply and input voltages.

FEATURES:
High Speed...
tpd 4.9ns(typ.) at Vcc=5V
• Low Power Dissipationcc = 2/A(Max.) at Ta=25°C
• Power Down Protection is provided on all inputs.
• Balanced Propagation Delays..tplHtpHL
• Wide Operating Voltage RangeVcc (opr)=2V~5.5V
• Low Noise..
VOLP=0.8V (Max.)
Pin and Function Compatible with 74ALS132




Similar Part No. - TC74VHC132FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC132FN TOSHIBA-TC74VHC132FN Datasheet
209Kb / 5P
QUAD 2-INPUT SCHMITT NAND GATE
TC74VHC132FN TOSHIBA-TC74VHC132FN Datasheet
258Kb / 10P
Quad 2-Input Schmitt NAND Gate
More results


Similar Description - TC74VHC132FN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT132A STMICROELECTRONICS-74VHCT132A Datasheet
53Kb / 7P
QUAD 2-INPUT SCHMITT NAND GATE
Feb-2000
M54HC132 STMICROELECTRONICS-M54HC132 Datasheet
234Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
Dec-1992
M74HCT132 STMICROELECTRONICS-M74HCT132 Datasheet
49Kb / 7P
QUAD 2-INPUT SCHMITT NAND GATE
Jun-1998
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F Datasheet
209Kb / 5P
QUAD 2-INPUT SCHMITT NAND GATE
logo
STMicroelectronics
M74HC132 STMICROELECTRONICS-M74HC132 Datasheet
180Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
March 2002
logo
Toshiba Semiconductor
TC74HC132AP TOSHIBA-TC74HC132AP_07 Datasheet
267Kb / 8P
Quad 2-Input Schmitt NAND Gate
TC74VHC132F TOSHIBA-TC74VHC132F_07 Datasheet
258Kb / 10P
Quad 2-Input Schmitt NAND Gate
logo
STMicroelectronics
M74HCT132 STMICROELECTRONICS-M74HCT132_01 Datasheet
180Kb / 8P
QUAD 2-INPUT SCHMITT NAND GATE
Jul-2001
74VHC132 STMICROELECTRONICS-74VHC132_04 Datasheet
235Kb / 11P
QUAD 2-INPUT SCHMITT NAND GATE
12-Nov-2004
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F_12 Datasheet
216Kb / 9P
Quad 2-Input Schmitt NAND Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com