Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC163F Datasheet (PDF) - Toshiba Semiconductor

TC74VHC163F Datasheet PDF - Toshiba Semiconductor
Part # TC74VHC163F
Download  TC74VHC163F Download
File Size   515.71 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SYNCHRONOUS PRESETTABLE 4-BIT COUNTER

TC74VHC163F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHC163F Datasheet PDF - Toshiba Semiconductor

Part # TC74VHC163F
Download  TC74VHC163F Click to download

File Size   515.71 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SYNCHRONOUS PRESETTABLE 4-BIT COUNTER

TC74VHC163F Datasheet (HTML) - Toshiba Semiconductor


TC74VHC163F Product details

The TC74VHC 161 and 163 are advanced high speed CMOS
SYNCHRONOUS PRESETTABLE 4 BIT BINARY
COUNTERS fabricated with silicon gate C2MOS technology.
They achieve the high speed operation similar to equivalent.
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation.
The CK input is active on the rising edge. Both LOAD and
CLR inputs are active on low logic level.
Presetting of each IC's is synchronous to the rising edge of
CK.
The clear function of the TC74VHC163 is synchronous to CK,
while the TC74VHC161 are cleared asynchronously.
Two enable inputs (ENP and ENT) and CARRY OUTPUT
are provided to enable easy cascading of counters, which
facilitates easy implementation of n bit counters without
using external gates.
An input protection circuit ensures that 0 to 7V can be
applied to the input pins without regard to the supply
voltage. This device can be used to interface 5V to 3V
systems and two supply systems such as battery back up.
This circuit prevents device destruction due to mismatched
supply and input voltages.

FEATURES:
• High Speed
.fMAX = 185MHz (typ.)
• Low Power Dissipation
High Noise Immunity
at Vcc=5V
Icc= 4A(Max.) at Ta = 25°C
•VNIH=VNIL = 28% Vcc (Min.)
Power Down Protection is provided on all inputs.
Balanced Propagation Delays... tpLH=tpHL
• Wide Operating Voltage Range. Vcc (opr)-2V-5.5V
Low Noise -
VOLP=0.8V (Max.)
• Pin and Function Compatible with 74ALS161/163




Similar Part No. - TC74VHC163F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC163F TOSHIBA-TC74VHC163F Datasheet
402Kb / 10P
SYNCHROMOUS PRESETTABLE 4-BIT COUNTER
TC74VHC163F TOSHIBA-TC74VHC163F Datasheet
328Kb / 15P
Synchronous Presettable 4-Bit Counter
TC74VHC163FK TOSHIBA-TC74VHC163FK Datasheet
328Kb / 15P
Synchronous Presettable 4-Bit Counter
TC74VHC163FK TOSHIBA-TC74VHC163FK_12 Datasheet
288Kb / 14P
Binary, Asynchronous Clear
TC74VHC163FN TOSHIBA-TC74VHC163FN Datasheet
402Kb / 10P
SYNCHROMOUS PRESETTABLE 4-BIT COUNTER
More results


Similar Description - TC74VHC163F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC161 STMICROELECTRONICS-74AC161 Datasheet
101Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Dec-1998
74ACT161 STMICROELECTRONICS-74ACT161 Datasheet
97Kb / 11P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Dec-1998
74ACT163 STMICROELECTRONICS-74ACT163 Datasheet
97Kb / 11P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Dec-1998
M74HC161 STMICROELECTRONICS-M74HC161 Datasheet
961Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Jul-2001
74LVQ161 STMICROELECTRONICS-74LVQ161 Datasheet
379Kb / 14P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
29-Jul-2004
74ACT163MTR STMICROELECTRONICS-74ACT163MTR Datasheet
280Kb / 13P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
2001-Apr
74AC163 STMICROELECTRONICS-74AC163_01 Datasheet
277Kb / 13P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Apr-2001
74LVQ163 STMICROELECTRONICS-74LVQ163_04 Datasheet
366Kb / 14P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
29-Jul-2004
M74HC163 STMICROELECTRONICS-M74HC163 Datasheet
898Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Jul-2001
M74HC160 STMICROELECTRONICS-M74HC160_01 Datasheet
966Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Jul-2001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com