Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT163 Datasheet (PDF) - STMicroelectronics

74ACT163 Datasheet PDF - STMicroelectronics
Part # 74ACT163
Download  74ACT163 Download
File Size   97.94 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SYNCHRONOUS PRESETTABLE 4-BIT COUNTER

74ACT163 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT163 Datasheet PDF - STMicroelectronics

Part # 74ACT163
Download  74ACT163 Click to download

File Size   97.94 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SYNCHRONOUS PRESETTABLE 4-BIT COUNTER

74ACT163 Datasheet (HTML) - STMicroelectronics


74ACT163 Product details

DESCRIPTION
The 74ACT163 is an advanced high-speed CMOS SYNCRONOUS PRESETTABLE COUNTER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS tecnology. It is a 4 bit binary counter with Synchronous Clear.

■ HIGH SPEED: fMAX = 250MHz (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION: ICC = 8µA(MAX.) at TA=25°C
■ COMPATIBLE WITH TTL OUTPUTS VIH = 2V (MIN.), VIL = 0.8V (MAX.)
■ 50Ω TRANSMISSION LINE DRIVING CAPABILITY
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 24mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE: VCC (OPR) = 4.5V to 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 163
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74ACT163

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16373 TI-74ACT16373 Datasheet
102Kb / 6P
16-BIT D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT16373 FAIRCHILD-74ACT16373 Datasheet
88Kb / 6P
16-Bit Transparent Latch with 3-STATE Outputs
logo
STMicroelectronics
74ACT16373 STMICROELECTRONICS-74ACT16373 Datasheet
277Kb / 10P
16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
logo
Texas Instruments
74ACT16373 TI1-74ACT16373 Datasheet
501Kb / 12P
16-BIT D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
74ACT16373 TI2-74ACT16373 Datasheet
274Kb / 12P
16-BIT D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1996
More results


Similar Description - 74ACT163

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC161 STMICROELECTRONICS-74AC161 Datasheet
101Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Dec-1998
74ACT161 STMICROELECTRONICS-74ACT161 Datasheet
97Kb / 11P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Dec-1998
M74HC161 STMICROELECTRONICS-M74HC161 Datasheet
961Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Jul-2001
74LVQ161 STMICROELECTRONICS-74LVQ161 Datasheet
379Kb / 14P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
29-Jul-2004
74ACT163MTR STMICROELECTRONICS-74ACT163MTR Datasheet
280Kb / 13P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
2001-Apr
74AC163 STMICROELECTRONICS-74AC163_01 Datasheet
277Kb / 13P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Apr-2001
74LVQ163 STMICROELECTRONICS-74LVQ163_04 Datasheet
366Kb / 14P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
29-Jul-2004
M74HC163 STMICROELECTRONICS-M74HC163 Datasheet
898Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Jul-2001
74ACT161 STMICROELECTRONICS-74ACT161_01 Datasheet
335Kb / 13P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Apr-2001
M74HC160 STMICROELECTRONICS-M74HC160_01 Datasheet
966Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Jul-2001
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com