Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT163 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 74ACT163
Description  SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT163 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 74ACT163 Datasheet HTML 2Page - STMicroelectronics 74ACT163 Datasheet HTML 3Page - STMicroelectronics 74ACT163 Datasheet HTML 4Page - STMicroelectronics 74ACT163 Datasheet HTML 5Page - STMicroelectronics 74ACT163 Datasheet HTML 6Page - STMicroelectronics 74ACT163 Datasheet HTML 7Page - STMicroelectronics 74ACT163 Datasheet HTML 8Page - STMicroelectronics 74ACT163 Datasheet HTML 9Page - STMicroelectronics 74ACT163 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TEST CIRCUIT
CL = 50 pF or equivalent (includes jigand probe capacitance)
RL =R1 =500
Ω orequivalent
RT =ZOUT of pulse generator (typically 50
Ω)
WAVEFORM 1: PROPAGATION DELAYS, COUNT MODE (f=1MHz; 50% duty cycle)
74ACT163
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com