Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC273F Datasheet (PDF) - Toshiba Semiconductor

TC74VHC273F Datasheet PDF - Toshiba Semiconductor
Part # TC74VHC273F
Download  TC74VHC273F Download
File Size   274.25 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Octal D-Type Flip-Flop with Clear

TC74VHC273F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHC273F Datasheet PDF - Toshiba Semiconductor

Part # TC74VHC273F
Download  TC74VHC273F Click to download

File Size   274.25 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Octal D-Type Flip-Flop with Clear

TC74VHC273F Datasheet (HTML) - Toshiba Semiconductor


TC74VHC273F Product details

The TC74VHC273 is an advanced high speed CMOS OCTAL D-TYPE
FLIP FLOP fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent Bipolar Schottky
TTL while maintaining the CMOS low power dissipation.
Information signals applied to D inputs are transferred to the Q outputs on
the positive going edge of the clock pulse.
When the CLR input is held “L”, the Q outputs are at a low logic level
independent of the other inputs.
An input protection circuit ensures that 0 to 5.5 V can be applied to the
input pins without regard to the supply voltage. This device can be used to
interface 5 V to 3 V systems and two supply systems such as battery back
up. This circuit prevents device destruction due to mismatched supply and
input voltages.

Features
 High speed: fmax = 165 MHz (typ.) at VCC = 5 V
 Low power dissipation: ICC = 4 µA (max) at Ta = 25°C
 High noise immunity: VNIH = VNIL = 28% VCC (min)
 Power down protection is provided on all inputs.
 Balanced propagation delays: tpLH ∼− tpHL
 Wide operating voltage range: VCC (opr) = 2 to 5.5 V
 Low noise: VOLP = 0.8 V (max)
 Pin and function compatible with 74ALS273




Similar Part No. - TC74VHC273F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F Datasheet
259Kb / 7P
OCTAL D-TUPE FLIP-FLOP WITH CLEAR
TC74VHC273F TOSHIBA-TC74VHC273F Datasheet
235Kb / 10P
Octal D-Type Flip-Flop with Clear
TC74VHC273F TOSHIBA-TC74VHC273F Datasheet
337Kb / 7P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
1997-01-30
TC74VHC273FK TOSHIBA-TC74VHC273FK Datasheet
235Kb / 10P
Octal D-Type Flip-Flop with Clear
TC74VHC273FK TOSHIBA-TC74VHC273FK_12 Datasheet
212Kb / 10P
Octal D-Type Flip-Flop with Clear
More results


Similar Description - TC74VHC273F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
May-1999
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Oct-1992
logo
Texas Instruments
SN54273 TI-SN54273 Datasheet
95Kb / 6P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
M74HC273 STMICROELECTRONICS-M74HC273 Datasheet
261Kb / 11P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Jul-2001
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
12-Nov-2004
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_12 Datasheet
212Kb / 10P
Octal D-Type Flip-Flop with Clear
logo
Diodes Incorporated
74LVC273A DIODES-74LVC273A Datasheet
465Kb / 10P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com