Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC273F Datasheet (PDF) - Toshiba Semiconductor

TC74VHC273F Datasheet PDF - Toshiba Semiconductor
Part # TC74VHC273F
Download  TC74VHC273F Download
File Size   259.23 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description OCTAL D-TUPE FLIP-FLOP WITH CLEAR

TC74VHC273F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHC273F Datasheet PDF - Toshiba Semiconductor

Part # TC74VHC273F
Download  TC74VHC273F Click to download

File Size   259.23 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description OCTAL D-TUPE FLIP-FLOP WITH CLEAR

TC74VHC273F Datasheet (HTML) - Toshiba Semiconductor


TC74VHC273F Product details

The TC74VHC273 is an advanced high speed CMOS OCTAL D-TYPE FLIP FLOP fabricated with silicon gate C2MOS technology.It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. Information signals applied to D inputs are transferred to the Q outputs on the positive going edge of the clock pulse.

Features
• High speed: fmax = 165 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ∼ − tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Low noise: VOLP = 0.8 V (max)
• Pin and function compatible with 74ALS273




Similar Part No. - TC74VHC273F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F Datasheet
235Kb / 10P
Octal D-Type Flip-Flop with Clear
TC74VHC273F TOSHIBA-TC74VHC273F Datasheet
337Kb / 7P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
1997-01-30
TC74VHC273F TOSHIBA-TC74VHC273F Datasheet
274Kb / 9P
Octal D-Type Flip-Flop with Clear
2019-01-31
TC74VHC273FK TOSHIBA-TC74VHC273FK Datasheet
235Kb / 10P
Octal D-Type Flip-Flop with Clear
TC74VHC273FK TOSHIBA-TC74VHC273FK Datasheet
274Kb / 9P
Octal D-Type Flip-Flop with Clear
2019-01-31
More results


Similar Description - TC74VHC273F

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS273 MOTOROLA-SN54LS273 Datasheet
184Kb / 5P
OCTAL D FLIP-FLOP WITH CLEAR
logo
STMicroelectronics
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Oct-1992
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
TC7MH273FK TOSHIBA-TC7MH273FK Datasheet
193Kb / 7P
Octal D-Type Flip Flop with Clear
logo
Texas Instruments
SN54273 TI-SN54273_08 Datasheet
284Kb / 8P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
12-Nov-2004
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Unisonic Technologies
U74LVC273G-S20-R UTC-U74LVC273G-S20-R Datasheet
221Kb / 5P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
Octal D-Type Flip-Flop with Clear
2019-01-31
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com