Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1065C5 Datasheet (PDF) - Infineon Technologies AG

D1065C5 Datasheet PDF - Infineon Technologies AG
Part # D1065C5
Download  D1065C5 Download
File Size   1174.7 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 5t h Generation thinQ!TM 650V SiC Schottky Diode

D1065C5 Datasheet (PDF)

Go To PDF Page Download Datasheet
D1065C5 Datasheet PDF - Infineon Technologies AG

Part # D1065C5
Download  D1065C5 Click to download

File Size   1174.7 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 5t h Generation thinQ!TM 650V SiC Schottky Diode

D1065C5 Datasheet (HTML) - Infineon Technologies AG


D1065C5 Product details

1 Description
Features
 Revolutionary semiconductor material - Silicon Carbide
 Benchmark switching behavior
 No reverse recovery/ No forward recovery
 Temperature independent switching behavior
 High surge current capability
 Pb-free lead plating; RoHS compliant
 Qualified according to JEDEC1) for target applications
 Breakdown voltage tested at 22 mA2)
 Optimized for high temperature operation
Benefits
 System efficiency improvement over Si diodes
 System cost / size savings due to reduced cooling requirements
 Enabling higher frequency / increased power density solutions
 Higher system reliability due to lower operating temperatures
 Reduced EMI
Applications
 Switch mode power supply
 Power factor correction
 Solar inverter
 Uninterruptible power supply
ThinQ!™ Generation 5 represents Infineon leading edge technology for the
SiC Schottky Barrier diodes. Thanks to the more compact design and thinwafer
technology, the new family of products shows improved efficiency over
all load conditions, resulting from both the improved thermal characteristics
and a lower figure of merit (Qc x Vf).
The new thinQ!™ Generation 5 has been designed to complement our 650V
CoolMOS™ families: this ensures meeting the most stringent application
requirements in this voltage range.




Similar Part No. - D1065C5

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
D1065 SANYO-D1065 Datasheet
107Kb / 3P
50V/15A Switching Applications
logo
List of Unclassifed Man...
D10650-40 ETC2-D10650-40 Datasheet
1Mb / 20P
BGA THERMAL SOLUTIONS MATRIX
logo
Mersen
D1065432 MERSEN-D1065432 Datasheet
2Mb / 18P
HelioProtection® HP15NH Photovoltaic fuse-links gPV 1500VDC
0922
More results


Similar Description - D1065C5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDD03SG60C INFINEON-IDD03SG60C Datasheet
270Kb / 7P
3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-03-19
IDD06SG60C INFINEON-IDD06SG60C Datasheet
274Kb / 7P
3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-03-19
IDD09SG60C INFINEON-IDD09SG60C Datasheet
282Kb / 7P
3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-03-19
IDH03SG60C INFINEON-IDH03SG60C Datasheet
242Kb / 7P
3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.2 2009-08-04
IDH04SG60C INFINEON-IDH04SG60C Datasheet
253Kb / 7P
3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.3 2009-08-04
IDH12SG60C INFINEON-IDH12SG60C Datasheet
235Kb / 7P
3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.2 2009-08-04
IDH04SG60C INFINEON-IDH04SG60C_12 Datasheet
550Kb / 7P
3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2012-12-12
IDD12SG60C INFINEON-IDD12SG60C_12 Datasheet
243Kb / 7P
3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2012-12-12
FS3L50R07W2H3F-B11 INFINEON-FS3L50R07W2H3F-B11 Datasheet
924Kb / 14P
thinQ H SiC Schottky diode 650V
2015-04-28 revision:V3.2
IDH16G65C5 INFINEON-IDH16G65C5_V01 Datasheet
1Mb / 11P
5t h Generation thinQ!TM 650V SiC Schottky Diode
Rev. 2.2, 2012-12-10
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com