Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1065 Datasheet (PDF) - Sanyo Semicon Device

D1065 Datasheet PDF - Sanyo Semicon Device
Part # D1065
Download  D1065 Download
File Size   107.33 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V/15A Switching Applications

D1065 Datasheet (PDF)

Go To PDF Page Download Datasheet
D1065 Datasheet PDF - Sanyo Semicon Device

Part # D1065
Download  D1065 Click to download

File Size   107.33 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V/15A Switching Applications

D1065 Datasheet (HTML) - Sanyo Semicon Device


D1065 Product details

50V/15A Switching Applications

Features
• Low-saturation collector-to-emitter voltage : VCE(sat) =–0.5V max.
• Wide ASO leading to high resistance to breakdown.

Applications
• Relay drivers, high-speed inverters, converters, and other general high-current switching applications.




Similar Part No. - D1065

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D10650-40 ETC2-D10650-40 Datasheet
1Mb / 20P
BGA THERMAL SOLUTIONS MATRIX
logo
Mersen
D1065432 MERSEN-D1065432 Datasheet
2Mb / 18P
HelioProtection® HP15NH Photovoltaic fuse-links gPV 1500VDC
0922
logo
Infineon Technologies A...
D1065C5 INFINEON-D1065C5 Datasheet
1Mb / 11P
5t h Generation thinQ!TM 650V SiC Schottky Diode
Rev. 2.2, 2013-01-15
More results


Similar Description - D1065

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1824 SANYO-2SA1824 Datasheet
131Kb / 4P
50V/5A Switching Applications
2SA1825 SANYO-2SA1825 Datasheet
131Kb / 4P
50V/8A Switching Applications
2SB1134 SANYO-2SB1134 Datasheet
123Kb / 4P
50V/5A Switching Applications
2SB1135 SANYO-2SB1135 Datasheet
99Kb / 3P
50V/7A Switching Applications
2SB1143 SANYO-2SB1143 Datasheet
126Kb / 4P
50V/4A Switching Applications
2SB1165 SANYO-2SB1165 Datasheet
124Kb / 4P
50V/5A Switching Applications
2SB1166 SANYO-2SB1166 Datasheet
126Kb / 4P
50V/8A Switching Applications
2SC6082 SANYO-2SC6082 Datasheet
46Kb / 4P
50V / 15A High-Speed Switching Applications
logo
ON Semiconductor
2SB826 ONSEMI-2SB826 Datasheet
101Kb / 4P
50V / 12A Switching Applications
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
2SB1143S SANYO-2SB1143S Datasheet
422Kb / 7P
50V/4A Switching Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com