Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XDPL8218 Datasheet (PDF) - Infineon Technologies AG

XDPL8218 Datasheet PDF - Infineon Technologies AG
Part # XDPL8218
Download  XDPL8218 Download
File Size   640.24 Kbytes
Page   45 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description XDPL8218 Digital Flyback Controller IC

XDPL8218 Datasheet (PDF)

Go To PDF Page Download Datasheet
XDPL8218 Datasheet PDF - Infineon Technologies AG

Part # XDPL8218
Download  XDPL8218 Click to download

File Size   640.24 Kbytes
Page   45 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description XDPL8218 Digital Flyback Controller IC

XDPL8218 Datasheet (HTML) - Infineon Technologies AG


XDPL8218 Product details

Features
• Single stage flyback controller with Power Factor Correction (PFC)
• Secondary Side Regulated (SSR) Constant Voltage (CV) output
• Supports universal AC input (90 Vrms to 305 Vrms) and DC input
• High power quality from 33% to 100% load, with AC input up to 277 Vrms
• Typical Power Factor (PF) > 0.98 and Total Harmonic Distortion (THD) < 10%
• High efficiency with Quasi-Resonant Mode, switching in valley 1 (QRM1) at high output power and
frequency controlled Discontinuous Conduction Mode (DCM) at medium output power
• Typical efficiency > 90%
• Low standby power with Active Burst Mode (ABM)
• Typical standby power < 100 mW (under flyback output no load condition)
• Low audible noise in ABM
• Input overvoltage and undervoltage (Brown-in / Brown-out) protection
• Power limitation during brown-out, to better protect primary components from overheating and saturation
• Output power limitation and output undervoltage protection
• Output overvoltage protection and VCC overvoltage protection
• Configurable parameters, e.g. brown-out power limitation slope, protection thresholds and reaction (autorestart
/ latch-mode)
• Supports design of Class 2 drivers
• Low Bill of Materials




Similar Part No. - XDPL8218

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XDPL8210 INFINEON-XDPL8210 Datasheet
694Kb / 50P
XDPL8210 Digital Flyback Controller IC
Revision 1.0 2019-04-26
XDPL8219 INFINEON-XDPL8219 Datasheet
742Kb / 45P
XDPL8219 Digital Flyback Controller IC
Revision 1.1 2020-08-26
More results


Similar Description - XDPL8218

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1686 MICROSEMI-LX1686 Datasheet
139Kb / 5P
Digital Dimming CCFL Controller IC
LX1686E MICROSEMI-LX1686E Datasheet
143Kb / 8P
Digital Dimming CCFL Controller IC
logo
Infineon Technologies A...
ICL8105 INFINEON-ICL8105 Datasheet
1Mb / 32P
Digital Flyback Controller IC
2016-08-01 Rev. 2.0
XDPL8220 INFINEON-XDPL8220 Datasheet
759Kb / 60P
XDPL8220 Digital PFCFlyback Controller IC
Revision 1.0 2016-11-4
XDPL8105 INFINEON-XDPL8105 Datasheet
1Mb / 33P
XDPL8105 - Digital Flyback Controller IC
2016-09-28 Rev. 1.0
XDPL8221 INFINEON-XDPL8221 Datasheet
761Kb / 57P
XDPL8221 Digital PFCFlyback Controller IC
Revision 1.1 2018-10-31
XDPL8219 INFINEON-XDPL8219 Datasheet
742Kb / 45P
XDPL8219 Digital Flyback Controller IC
Revision 1.1 2020-08-26
XDPL8210 INFINEON-XDPL8210 Datasheet
694Kb / 50P
XDPL8210 Digital Flyback Controller IC
Revision 1.0 2019-04-26
logo
Renesas Technology Corp
IW9801 RENESAS-IW9801 Datasheet
509Kb / 7P
RapidChargeTM AC/DC Primary-Side Digital ZVS Flyback Controller
28-Apr-2022
IW9802 RENESAS-IW9802 Datasheet
691Kb / 8P
RapidChargeTM AC/DC Primary-Side Digital ZVS Flyback Controller
23-Feb-2022
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com