Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7MB3245CFT Datasheet (PDF) - Toshiba Semiconductor

TC7MB3245CFT Datasheet PDF - Toshiba Semiconductor
Part # TC7MB3245CFT
Download  TC7MB3245CFT Download
File Size   294.62 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low Capacitance Octal Bus Switch

TC7MB3245CFT Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7MB3245CFT Datasheet PDF - Toshiba Semiconductor

Part # TC7MB3245CFT
Download  TC7MB3245CFT Click to download

File Size   294.62 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low Capacitance Octal Bus Switch

TC7MB3245CFT Datasheet (HTML) - Toshiba Semiconductor


TC7MB3245CFT Product details

The TC7MB3244C, TC7MB3245C is a Low ON-resistance /
Low Capacitance CMOS 8bit Bus Switch. The low on-resistance
of the switch allows connections to be made with minimal
propagation delay time.
The TC7MB3244C is organized as two 4-bit low-impedance
switches with separate output-enable ( OE ) inputs. When OE is
low, the switch is on and data can flow from port A to port B, or
vice versa. When OE is high, the switch is open and a
high-impedance state exists between the two ports.
The TC7MB3245C requires the output enable ( OE ) input to be
set high to place the output into the high impedance.
All inputs are equipped with protection circuits against static
discharge.

Features
• Operating voltage: VCC = 4.0 to 5.5 V
• On-capacitance: CI/O = 7 pF Switch On (typ.) @ VCC = 5 V
• On-resistance: RON = 3 Ω (typ.) @ VCC = 4.5 V, VIS = 0 V
• ESD performance: Machine model ≥ ±200 V
Human body model ≥ ±2000 V
• Compatible with TTL outputs (control inputs)
• Power-down protection for inputs ( OE and I/O)
• Package: TSSOP20,VSSOP20 (US20), VQON20
Note: When mounting VQON package, the type of recommended
flux is RA or RMA.




Similar Part No. - TC7MB3245CFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
189Kb / 5P
OCTAL BUS SWITCH
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
165Kb / 6P
Octal Bus Switch
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
136Kb / 7P
Octal Bus Switch
TC7MB3245FK TOSHIBA-TC7MB3245FK_07 Datasheet
165Kb / 6P
Octal Bus Switch
TC7MB3245FT TOSHIBA-TC7MB3245FT Datasheet
136Kb / 7P
Octal Bus Switch
More results


Similar Description - TC7MB3245CFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74CBTLV3245 IDT-IDT74CBTLV3245 Datasheet
140Kb / 5P
LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3244 IDT-IDT74CBTLV3244 Datasheet
136Kb / 5P
LOW-VOLTAGE OCTAL BUS SWITCH
logo
Toshiba Semiconductor
TC7MBL3245BFT TOSHIBA-TC7MBL3245BFT Datasheet
269Kb / 8P
Octal Low Voltage Bus Switch
TC7MBL3244AFT TOSHIBA-TC7MBL3244AFT Datasheet
185Kb / 7P
Octal Low Voltage Bus Switch
TC7MBL3245CFT TOSHIBA-TC7MBL3245CFT Datasheet
252Kb / 12P
Low Voltage/Low Capacitance Octal Bus Switch
TC7MBL3245SFT TOSHIBA-TC7MBL3245SFT Datasheet
252Kb / 10P
Low Voltage/Low Capacitance Octal Bus Switch
logo
Integrated Device Techn...
IDT74CBTLV3244 IDT-IDT74CBTLV3244_14 Datasheet
97Kb / 5P
LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3245 IDT-IDT74CBTLV3245_14 Datasheet
95Kb / 5P
LOW-VOLTAGE OCTAL BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3244 RENESAS-74CBTLV3244 Datasheet
263Kb / 6P
LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
74CBTLV3245 RENESAS-74CBTLV3245 Datasheet
264Kb / 6P
LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com