Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGW60H65F Datasheet (PDF) - STMicroelectronics

STGW60H65F Datasheet PDF - STMicroelectronics
Part # STGW60H65F
Download  STGW60H65F Download
File Size   1518.65 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 60 A, 650 V field stop trench gate IGBT

STGW60H65F Datasheet (PDF)

Go To PDF Page Download Datasheet
STGW60H65F Datasheet PDF - STMicroelectronics

Part # STGW60H65F
Download  STGW60H65F Click to download

File Size   1518.65 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 60 A, 650 V field stop trench gate IGBT

STGW60H65F Datasheet (HTML) - STMicroelectronics


STGW60H65F Product details

Features
■ High speed switching
■ Tight parameter distribution
■ Safe paralleling
■ Low thermal resistance
■ 6 μs short-circuit withstand time
■ Lead free package

Applications
■ Photovoltaic inverters
■ Uninterruptible power supply
■ Welding
■ Power factor correction
■ High switching frequency converters

Description
Using advanced proprietary trench gate and field
stop structure, this IGBT leads to an optimized
compromise between conduction and switching
losses maximizing the efficiency for high
switching frequency converters. Furthermore, a
slightly positive VCE(sat) temperature coefficient
and a very tight parameter distribution result in an
easier paralleling operation.




Similar Part No. - STGW60H65F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW60H65F STMICROELECTRONICS-STGW60H65F Datasheet
1Mb / 12P
60 A, 650 V field stop trench gate IGBT
31-Jul-2012
STGW60H65FB STMICROELECTRONICS-STGW60H65FB Datasheet
1Mb / 16P
Low thermal resistance
01-Apr-2015
More results


Similar Description - STGW60H65F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW60H65F STMICROELECTRONICS-STGW60H65F Datasheet
1Mb / 12P
60 A, 650 V field stop trench gate IGBT
31-Jul-2012
STGW60H65DF STMICROELECTRONICS-STGW60H65DF Datasheet
1Mb / 13P
60 A, 650 V field stop trench gate IGBT with very fast diode
09-Jan-2013
STGW60H65DRF STMICROELECTRONICS-STGW60H65DRF Datasheet
2Mb / 13P
60 A, 650 V field stop trench gate IGBT with Ultrafast diode
02-Apr-2013
logo
ON Semiconductor
FGH60T65SHD ONSEMI-FGH60T65SHD Datasheet
677Kb / 9P
IGBT - Field Stop, Trench 650 V, 60 A
December, 2020 ??Rev. 3
FGH60T65SQD-F155 ONSEMI-FGH60T65SQD-F155 Datasheet
560Kb / 10P
IGBT - Field Stop, Trench 650 V, 60 A
November, 2019 ??Rev. 3
FGH75T65SQD ONSEMI-FGH75T65SQD Datasheet
532Kb / 10P
IGBT - Field Stop, Trench 650 V, 75 A
April, 2020 ??Rev. 5
FGHL40S65UQ ONSEMI-FGHL40S65UQ Datasheet
311Kb / 10P
Field Stop Trench IGBT 40 A, 650 V
May, 2019 ??Rev. P0
logo
STMicroelectronics
STGW60H65DFB-4 STMICROELECTRONICS-STGW60H65DFB-4 Datasheet
556Kb / 15P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
20-Jun-2019
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB_V01 Datasheet
689Kb / 21P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
22-Jul-2019
logo
Fairchild Semiconductor
FGA6560WDF FAIRCHILD-FGA6560WDF Datasheet
2Mb / 9P
650 V, 60 A Field Stop Trench IGBT
Rev. 1.1 April 2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com