Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGW60H65DFB-4 Datasheet (PDF) - STMicroelectronics

STGW60H65DFB-4 Datasheet PDF - STMicroelectronics
Part # STGW60H65DFB-4
Download  STGW60H65DFB-4 Download
File Size   556.1 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop 650 V, 60 A high speed HB series IGBT

STGW60H65DFB-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
STGW60H65DFB-4 Datasheet PDF - STMicroelectronics

Part # STGW60H65DFB-4
Download  STGW60H65DFB-4 Click to download

File Size   556.1 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop 650 V, 60 A high speed HB series IGBT

STGW60H65DFB-4 Datasheet (HTML) - STMicroelectronics


STGW60H65DFB-4 Product details

Features
• Maximum junction temperature: TJ = 175 °C
• Excellent switching performance thanks to the extra driving kelvin pin
• Low VCE(sat) = 1.6 V (typ.) @ IC = 60 A
• Minimized tail current
• Tight parameter distribution
• Safe paralleling
• Low thermal resistance
• Very fast soft recovery antiparallel diode

Applications
• Photovoltaic inverters
• High-frequency converters

Description
This device is an IGBT developed using an advanced proprietary trench gate fieldstop
structure. The device is part of the new HB series of IGBTs, which represents an
optimum compromise between conduction and switching loss to maximize the
efficiency of any frequency converter. A faster switching event can be achieved by
the Kelvin pin, which separates power path from driving signal. Furthermore, the
slightly positive VCE(sat) temperature coefficient and very tight parameter distribution
result in safer paralleling operation.




Similar Part No. - STGW60H65DFB-4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB Datasheet
1Mb / 19P
Low thermal resistance
17-Apr-2015
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB Datasheet
689Kb / 21P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
22-Jul-2019
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB_V01 Datasheet
689Kb / 21P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
22-Jul-2019
More results


Similar Description - STGW60H65DFB-4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGWT40HP65FB STMICROELECTRONICS-STGWT40HP65FB Datasheet
909Kb / 17P
Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
13-Jul-2016
STGB40H65FB STMICROELECTRONICS-STGB40H65FB Datasheet
975Kb / 17P
Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
27-Jun-2016
STGFW20H65FB STMICROELECTRONICS-STGFW20H65FB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 650 V, 20 A high speed
28-Aug-2014
STGFW30H65FB STMICROELECTRONICS-STGFW30H65FB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 650 V, 30 A high speed
28-Jul-2015
STGFW40H65FB STMICROELECTRONICS-STGFW40H65FB Datasheet
1Mb / 21P
Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
21-Mar-2017
STGW60H60DLFB STMICROELECTRONICS-STGW60H60DLFB Datasheet
1Mb / 17P
Trench gate field-stop IGBT, HB series 600 V, 60 A high speed
24-Feb-2014
STGY80H65DFB STMICROELECTRONICS-STGY80H65DFB Datasheet
1Mb / 22P
Trench gate field-stop IGBT, HB series 650 V, 80 A high speed
May 2015 Rev 6
STGW40H65DFB-4 STMICROELECTRONICS-STGW40H65DFB-4 Datasheet
479Kb / 15P
Trench gate field-stop 650 V, 40 A high speed HB series IGBT
20-Jun-2019
STGW40H65DFB STMICROELECTRONICS-STGW40H65DFB Datasheet
503Kb / 16P
Trench gate field-stop 650 V, 40 A high speed HB series IGBT
19-Jun-2019
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB_V01 Datasheet
689Kb / 21P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
22-Jul-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com