Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGW60H60DLFB Datasheet (PDF) - STMicroelectronics

STGW60H60DLFB Datasheet PDF - STMicroelectronics
Part # STGW60H60DLFB
Download  STGW60H60DLFB Download
File Size   1499.47 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop IGBT, HB series 600 V, 60 A high speed

STGW60H60DLFB Datasheet (PDF)

Go To PDF Page Download Datasheet
STGW60H60DLFB Datasheet PDF - STMicroelectronics

Part # STGW60H60DLFB
Download  STGW60H60DLFB Click to download

File Size   1499.47 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop IGBT, HB series 600 V, 60 A high speed

STGW60H60DLFB Datasheet (HTML) - STMicroelectronics


STGW60H60DLFB Product details

Description
This device is an IGBT developed using an advanced proprietary trench gate and field stop structure. The device is part of the new "HB" series of IGBTs, which represent an optimum compromise between conduction and switching losses to maximize the efficiency of any frequency converter. Furthermore, a slightly positive VCE(sat) temperature coefficient and very tight parameter distribution result in safer paralleling operation.

Features
• Maximum junction temperature: TJ = 175 °C
• High speed switching series
• Minimized tail current
• VCE(sat) = 1.6 V (typ.) @ IC = 60 A
• Tight parameters distribution
• Safe paralleling
• Low thermal resistance
• Low VF soft recovery co-packaged diode
• Lead free package

Applications
• Induction heating
• Microwave oven
• Resonant converters




Similar Part No. - STGW60H60DLFB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW60H65DF STMICROELECTRONICS-STGW60H65DF Datasheet
1Mb / 13P
60 A, 650 V field stop trench gate IGBT with very fast diode
09-Jan-2013
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB Datasheet
1Mb / 19P
Low thermal resistance
17-Apr-2015
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB Datasheet
689Kb / 21P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
22-Jul-2019
STGW60H65DFB-4 STMICROELECTRONICS-STGW60H65DFB-4 Datasheet
556Kb / 15P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
20-Jun-2019
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB_V01 Datasheet
689Kb / 21P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
22-Jul-2019
More results


Similar Description - STGW60H60DLFB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW60V60DF STMICROELECTRONICS-STGW60V60DF Datasheet
1Mb / 16P
Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
21-Oct-2013
STGB30H60DFB STMICROELECTRONICS-STGB30H60DFB Datasheet
1Mb / 21P
Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
STGB30H60DLFB STMICROELECTRONICS-STGB30H60DLFB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
STGFW20H65FB STMICROELECTRONICS-STGFW20H65FB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 650 V, 20 A high speed
28-Aug-2014
STGW30H60DFB STMICROELECTRONICS-STGW30H60DFB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
04-Nov-2016
STGW40H60DLFB STMICROELECTRONICS-STGW40H60DLFB Datasheet
1Mb / 17P
Trench gate field-stop IGBT, HB series 600 V, 40 A high speed
18-Mar-2014
STGB30H60DLLFBAG STMICROELECTRONICS-STGB30H60DLLFBAG Datasheet
1,009Kb / 17P
Automotive-grade trench gate field-stop IGBT, HB series 600 V, 30 A high speed
18-Oct-2016
STGW60H65DFB-4 STMICROELECTRONICS-STGW60H65DFB-4 Datasheet
556Kb / 15P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
20-Jun-2019
STGW60V60DF STMICROELECTRONICS-STGW60V60DF_V01 Datasheet
1Mb / 20P
Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
28-Sep-2016
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB_V01 Datasheet
689Kb / 21P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
22-Jul-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com