Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGW60H65DFB Datasheet (PDF) - STMicroelectronics

STGW60H65DFB Datasheet PDF - STMicroelectronics
Part # STGW60H65DFB
Download  STGW60H65DFB Download
File Size   1579.84 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low thermal resistance

STGW60H65DFB Datasheet (PDF)

Go To PDF Page Download Datasheet
STGW60H65DFB Datasheet PDF - STMicroelectronics

Part # STGW60H65DFB
Download  STGW60H65DFB Click to download

File Size   1579.84 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low thermal resistance

STGW60H65DFB Datasheet (HTML) - STMicroelectronics


STGW60H65DFB Product details

Description
These are IGBT devices developed using an advanced proprietary trench gate and field-stop structure. The devices are part of the new HB series of IGBTs, which represent an optimum compromise between conduction and switching losses to maximize the efficiency of any frequency converter. Furthermore, a slightly positive VCE(sat) temperature coefficient and very tight parameter distribution result in safer paralleling operation. G (1) E (3) C (2, TAB) TO-247 1 2 3 TO-3P 1 2 3 TAB TO-247 long leads 2N6034

Features
■ Maximum junction temperature: TJ = 175 °C
■ High speed switching series
■ Minimized tail current
■ VCE(sat) = 1.6 V (typ.) @ IC = 60 A
■ Tight parameters distribution
■ Safe paralleling
■ Low thermal resistance
■ Very fast soft recovery antiparallel diode

Applications
■ Photovoltaic inverters
■ High frequency converters




Similar Part No. - STGW60H65DFB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB Datasheet
689Kb / 21P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
22-Jul-2019
STGW60H65DFB-4 STMICROELECTRONICS-STGW60H65DFB-4 Datasheet
556Kb / 15P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
20-Jun-2019
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB_V01 Datasheet
689Kb / 21P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
22-Jul-2019
More results


Similar Description - STGW60H65DFB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
Low thermal resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
Low thermal resistance
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
Low thermal resistance
logo
M/A-COM Technology Solu...
MA4P504-1072 MA-COM-MA4P504-1072 Datasheet
677Kb / 5P
Low Thermal Resistance
logo
Sangdest Microelectroni...
ST3060DJF SMC-ST3060DJF Datasheet
131Kb / 4P
Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
Low thermal resistance
11-Apr-2017
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
Low thermal resistance
08-Apr-2014
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
Low thermal resistance
13-Jun-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com