Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWT60V60DF Datasheet (PDF) - STMicroelectronics

GWT60V60DF Datasheet PDF - STMicroelectronics
Part # GWT60V60DF
Download  GWT60V60DF Download
File Size   1629.41 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop IGBT, V series 600 V, 60 A very high speed

GWT60V60DF Datasheet (PDF)

Go To PDF Page Download Datasheet
GWT60V60DF Datasheet PDF - STMicroelectronics

Part # GWT60V60DF
Download  GWT60V60DF Click to download

File Size   1629.41 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop IGBT, V series 600 V, 60 A very high speed

GWT60V60DF Datasheet (HTML) - STMicroelectronics


GWT60V60DF Product details

Features
• Maximum junction temperature: TJ = 175 °C
• Tail-less switching off
• VCE(sat) = 1.85 V (typ.) @ IC = 60 A
• Tight parameter distribution
• Safe paralleling
• Low thermal resistance
• Very fast soft recovery antiparallel diode

Applications
• Photovoltaic inverters
• Uninterruptible power supply
• Welding
• Power factor correction
• Very high frequency converters

Description
These devices are IGBTs developed using an
advanced proprietary trench gate field-stop
structure. These devices are part of the V series
of IGBTs, which represents an optimum
compromise between conduction and switching
losses to maximize the efficiency of very high
frequency converters. Furthermore, a positive
VCE(sat) temperature coefficient and very tight
parameter distribution result in safer paralleling
operation.




Similar Part No. - GWT60V60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GWT30V60DF STMICROELECTRONICS-GWT30V60DF Datasheet
1Mb / 22P
Low thermal resistance
08-Oct-2013
logo
OSRAM GmbH
GWT3LMF1.EM OSRAM-GWT3LMF1.EM Datasheet
1Mb / 18P
Omnidirectional retrofits
GWT3LPF1.EM OSRAM-GWT3LPF1.EM Datasheet
5Mb / 20P
Omnidirectional retrofits
GWT3LPF1.EM-KTLP-22S5-1 OSRAM-GWT3LPF1.EM-KTLP-22S5-1 Datasheet
5Mb / 20P
Omnidirectional retrofits
GWT3LPF1.EM-KTLP-25S5-1 OSRAM-GWT3LPF1.EM-KTLP-25S5-1 Datasheet
5Mb / 20P
Omnidirectional retrofits
More results


Similar Description - GWT60V60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW60V60DF STMICROELECTRONICS-STGW60V60DF Datasheet
1Mb / 16P
Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
21-Oct-2013
logo
List of Unclassifed Man...
STGP20V60DF ETC2-STGP20V60DF Datasheet
2Mb / 23P
600 V, 20 A very high speed trench gate field-stop IGBT
logo
STMicroelectronics
STGB40V60F STMICROELECTRONICS-STGB40V60F Datasheet
1Mb / 24P
Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
23-Apr-2014
STGFW20V60DF STMICROELECTRONICS-STGFW20V60DF Datasheet
709Kb / 15P
Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
14-Feb-2017
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
600 V, 20 A very high speed trench gate field-stop IGBT
11-Jul-2013
STGFW30V60DF STMICROELECTRONICS-STGFW30V60DF Datasheet
1Mb / 15P
Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
31-Mar-2014
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
08-Apr-2014
STGFW40V60DF STMICROELECTRONICS-STGFW40V60DF Datasheet
1Mb / 21P
Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
23-Apr-2014
STGFW80V60F STMICROELECTRONICS-STGFW80V60F Datasheet
1Mb / 19P
Trench gate field-stop IGBT, V series 600 V, 80 A very high speed
22-May-2014
STGW40V60DLF STMICROELECTRONICS-STGW40V60DLF Datasheet
1Mb / 17P
Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
21-Oct-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com