Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWT60V60DF Datasheet(PDF) 7 Page - STMicroelectronics

Part # GWT60V60DF
Description  Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GWT60V60DF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button GWT60V60DF Datasheet HTML 3Page - STMicroelectronics GWT60V60DF Datasheet HTML 4Page - STMicroelectronics GWT60V60DF Datasheet HTML 5Page - STMicroelectronics GWT60V60DF Datasheet HTML 6Page - STMicroelectronics GWT60V60DF Datasheet HTML 7Page - STMicroelectronics GWT60V60DF Datasheet HTML 8Page - STMicroelectronics GWT60V60DF Datasheet HTML 9Page - STMicroelectronics GWT60V60DF Datasheet HTML 10Page - STMicroelectronics GWT60V60DF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DocID024154 Rev 7
7/20
STGW60V60DF, STGWA60V60DF, STGWT60V60DF
Electrical characteristics
Figure 8. Collector current vs. switching
frequency
Figure 9. Safe operating area
Figure 10. Transfer characteristics
Figure 11. Diode VF vs. forward current
Figure 12. Normalized VGE(th) vs. junction
temperature
Figure 13. Normalized V(BR)CES vs. junction
temperature
AM17145v1
0
10
20
30
40
50
60
70
80
90
100
110
110
Ic [A]
f [kHz]
rectangular current shape,
(duty cycle=0.5, V
CC = 400V, RG=4.7Ω,
V
GE = 0/15 V, TJ =175°C)
Tc=80°C
Tc=100 °C
AM17146v1
0.01
0.1
1
10
100
110
100
IC (A)
VCE (V)
(single pulse T
C =25 °C,
T
J <=175 °C; VGE =15 V)
1 μs
100 μs
1 ms
AM17146v1
175 °C
0
50
100
150
200
6789
10
11
IC (A)
VGE (V)
- 40 °C
TJ= 25°C
VCE= 5V
AM17148v1
0.8
1.2
1.6
2
2.4
2.8
10
30
50
70
90
110
VF (V)
IF (A)
175 °C
25°C
TJ= - 40°C
VCE= VGE
IC= 1 mA
AM17149v1
0.6
0.7
0.8
0.9
1.0
1.1
-50 -25
0
25
50
75 100 125 150 175
VGE(th)
norm
TJ(ºC)
AM17150v1
0.9
1.0
1.1
-50 -25
0
25
50
75 100 125 150 175
V(BR)ces
norm
TJ(ºC)
IC= 2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com