Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1701 Datasheet (PDF) - Microsemi Corporation

LX1701 Datasheet PDF - Microsemi Corporation
Part # LX1701
Download  LX1701 Download
File Size   445.29 Kbytes
Page   20 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 2W Filterless Mono Class-D Audio Amplifier

LX1701 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX1701 Datasheet PDF - Microsemi Corporation

Part # LX1701
Download  LX1701 Click to download

File Size   445.29 Kbytes
Page   20 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 2W Filterless Mono Class-D Audio Amplifier

LX1701 Datasheet (HTML) - Microsemi Corporation




Similar Part No. - LX1701

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1701 MICROSEMI-LX1701 Datasheet
454Kb / 20P
2W Filterless Mono Class-D Audio Amplifier
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
2W Filterless Mono Class-D Audio Amplifier
More results


Similar Description - LX1701

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
Filterless Class-D Mono Audio Amplifier
PAM8302A PAM-PAM8302A Datasheet
227Kb / 14P
2.5W Filterless Class-D Mono Audio Amplifier
logo
Microsemi Corporation
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
2W Filterless Mono Class-D Audio Amplifier
logo
Power Analog Micoelectr...
PAM8003 PAM-PAM8003 Datasheet
62Kb / 1P
Filterless 2W Class-D Stereo Audio Amplifier
PAM8302A PAM-PAM8302A_13 Datasheet
515Kb / 15P
2.5W Filterless Class-D Mono Audio Amplifier
logo
Lowpower Semiconductor ...
LPA2010 POWER-LPA2010 Datasheet
543Kb / 9P
Filterless 3W Class- D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 1
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 4
logo
Analog Devices
SSM2306 AD-SSM2306_16 Datasheet
416Kb / 16P
2W, Filterless, Class-D Stereo Audio Amplifier
6/2016-Rev. 0 to Rev. A
logo
Lowpower Semiconductor ...
LPA2110 POWER-LPA2110 Datasheet
480Kb / 10P
Filterless 30W Class D Mono Audio Amplifier
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com