Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8301 Datasheet (PDF) - Power Analog Micoelectronics

PAM8301 Datasheet PDF - Power Analog Micoelectronics
Part # PAM8301
Download  PAM8301 Download
File Size   223.58 Kbytes
Page   11 Pages
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics
Description Filterless Class-D Mono Audio Amplifier

PAM8301 Datasheet (PDF)

Go To PDF Page Download Datasheet
PAM8301 Datasheet PDF - Power Analog Micoelectronics

Part # PAM8301
Download  PAM8301 Click to download

File Size   223.58 Kbytes
Page   11 Pages
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics
Description Filterless Class-D Mono Audio Amplifier

PAM8301 Datasheet (HTML) - Power Analog Micoelectronics


PAM8301 Product details

General Description
The PAM8301 is a 1.5W class-D mono audio amplifier. Its low THD+N feature offers highquality sound reproduction. The new filterless architecture allows the device to drive speaker directly instead of using low-pass output filters, therefore save system cost and PCB area.

Key Features
■ 1.5W Output at 10% THD with a 8Ω Load and 5V Power Supply
■ Filterless, Low Quiescent Current and Low EMI
■ High Efficiency up to 88%
■ Superior Low Noise
■ Short Circuit Protection
■ Thermal Shutdown
■ Few External Components to Save Space and Cost
■ Tiny SOT23-6 Package
■ Pb-Free Package

Applications
■ PMP/MP4
■ GPS
■ Portable Speakers
■ Walkie Talkie
■ Handsfree phones/Speaker Phones
■ Cellular Phones




Similar Part No. - PAM8301

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 1
PAM8301AAF DIODES-PAM8301AAF Datasheet
287Kb / 10P
FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 1
More results


Similar Description - PAM8301

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1701CLQ MICROSEMI-LX1701CLQ Datasheet
445Kb / 20P
2W Filterless Mono Class-D Audio Amplifier
logo
Power Analog Micoelectr...
PAM8302A PAM-PAM8302A Datasheet
227Kb / 14P
2.5W Filterless Class-D Mono Audio Amplifier
logo
Microsemi Corporation
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
2W Filterless Mono Class-D Audio Amplifier
logo
Power Analog Micoelectr...
PAM8302A PAM-PAM8302A_13 Datasheet
515Kb / 15P
2.5W Filterless Class-D Mono Audio Amplifier
logo
Lowpower Semiconductor ...
LPA2010 POWER-LPA2010 Datasheet
543Kb / 9P
Filterless 3W Class- D Mono Audio Amplifier
LPA2105 POWER-LPA2105 Datasheet
566Kb / 8P
Filterless 6W Class- D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 1
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 4
logo
Lowpower Semiconductor ...
LPA2110 POWER-LPA2110 Datasheet
480Kb / 10P
Filterless 30W Class D Mono Audio Amplifier
LPA2104A POWER-LPA2104A Datasheet
390Kb / 9P
Filterless 3W Class- D Mono Audio Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com