Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8301 Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM8301
Description  Filterless Class-D Mono Audio Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8301 Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM8301 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 11Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
09/2008 Rev 1.2
,
Power Analog Microelectronics Inc
www.poweranalog.com
Typical Performance Characteristic
T =25°C unless otherwise noted.
A
PAM8301
Filterless Class-D Mono Audio Amplifier
13. PSRR
14.EMI vs Frequency
.
- 100
+0
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
d B
20
10k
50
100
200
500
1k
2k
5k
Hz
TTTT
R=8
L
Ω
,Gain=23dB,
V =5V,Input floating
DD
R=8
L
Ω
,Gain=23dB,
V =5V, Po=500
DD
mW
Test Setup for Performance Testing
Notes
1. The AP AUX-0025 low pass filter is necessary for every class-D amplifier measurement
with AP analyzer.
2. Two 22μH inductors are used in series with load resistor to emulate the small speaker for
efficiency measurement.
AP System One
Generator
PAM8301 Demo Board
+OUT
Input
Load
AP
Low Pass
Filter
AUX-0025
AP System One
Analyzer
GND
-OUT
VDD
Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com