Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8301 Datasheet(PDF) 8 Page - Power Analog Micoelectronics

Part # PAM8301
Description  Filterless Class-D Mono Audio Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8301 Datasheet(HTML) 8 Page - Power Analog Micoelectronics

Back Button PAM8301 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 11Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
09/2008 Rev 1.2
,
Power Analog Microelectronics Inc
Application Information
www.poweranalog.com
PAM8301
Filterless Class-D Mono Audio Amplifier
Maximum Gain
As shown in block diagram (page 2), the PAM8301
has two internal amplifier stages. The first stage's
gain is externally con figurable, while the second
stage's is internally fixed. The closed-loop gain of
the first stage is set by selecting the ratio of R to
R while the second stage's gain is fixed at 2x.The
output of amplifier 1 serves as the input to
amplifier 2, thus the two amplifiers produce
signals identical in magnitude, but different in
phase by 180°. Consequently, the differential gain
for the IC is
A =20*log [2*(R /R )]
The PAM8301 sets maximum R =80k , minimum
R =10k , so the maximum closed-gain is 24dB.
f
i
VD
f
i
f
i
Ω
Ω
Input Capacitors (Ci)
Power Supply Decoupling (Cs)
Shutdown Operation
For the best power on/off pop performance,
the amplifier should be set in the shutdown
mode prior to power on/off operation.
Under Voltage Lock-out (UVLO)
In typical application, an input capacitor, Ci, is
required to allow the amplifier to bias input signals
to a proper DC level for optimum operation. In this
case, Ci and the minimum input impedance Ri
(10k internal) form a high pass filter with a corner
frequency determined by the following equation:
It is important to choose the value of Ci as it
directly affects low frequency performance of the
circuit, for example, when an application requires
a flat bass response as low as 100Hz. Equation is
reconfigured as follows:
As the input resistance is variable, for the Ci value
of 0.16 F, one should actually
choose the Ci
within the range of 0.1 F to 0.22 F. A further
consideration for this capacitor is the leakage
path from the input source through the input
network (Ri, RF, Ci) to the load. This leakage
current creates a DC offset voltage at the input to
the amplifier that reduces useful headroom,
especially in high gain application. For this
reason, a low leakage tantalum or ceramic
capacitor is the best choice. When a polarized
capacitor is used, the positive side of the
capacitor should face the amplifier input in most
applications as the DC level is held at VDD/2,
which is likely higher than the source DC level.
Please note that it is important to confirm the
capacitor polarity in the application.
The PAM8301 is a high-performance CMOS audio
amplifier that requires adequate power supply
decoupling to ensure the output THD and PSRR
as low as possible. Power supply decoupling
affects low frequency r esponse. Optimum
decoupling is achieved by using two capacitors of
different types that target different types of noise
on the power supply leads. For higher frequency
transients, spikes, or digital hash on the line, a
good low equivalent-series-resistance (ESR)
ceramic capacitor, typically 1.0μF is good, placing
it as close as possible to the device VDD terminal.
For filtering lower-frequency noise signals, a
capacitor of 10μF or
larger, closely located to near the audio power
amplifier is recommended.
In order to reduce shutdown power consumption,
the PAM8301 contains shutdown circuitry for turn
off the amplifier. This shutdown feature turns the
amplifier off when a
logic low is applied on the
SHDOWN pin. By switching the shutdown pin over
to GND, the PAM8301 supply current draw will be
minimized in idle mode.
The PAM8301 incorporates circuitry to detect low
on or off voltage. When the supply voltage drops
to 2.1V or below, the PAM8301 goes into a state of
shutdown, and the device comes out of its
shutdown state and starts to normal operation by
reset the power supply or
pin.
μ
μμ
SD
()
C
1
f
2RiCi
p
=
()
ic
1
Ci
2R f
p
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com