Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8301 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM8301
Description  Filterless Class-D Mono Audio Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8301 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM8301 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
09/2008 Rev 1.2
,
Power Analog Microelectronics Inc
www.poweranalog.com
Typical Performance Characteristic
T =25°C,unless otherwise noted.
A
3.Efficiency VS Output Power
5. THD+N VS Output Power
PAM8301
Filterless Class-D Mono Audio Amplifier
60%
65%
70%
75%
80%
85%
90%
95%
100%
0
200
400
600
800
1000
1200
Output Pow e r(m W)
VDD=5V
VDD=3.6V
0.1
50
0.2
0.5
1
2
5
10
20
%
20m
3
50m
100m
200 m
500 m
1
2
W
5
V
3. 6
V
.
%
0
50
100
150
200
250
300
350
0
20
40
60
80
100
120
140
Temperature
1. Frequency VS Supply Voltage
2. Frequency VS Temperature
238
240
242
244
246
248
250
252
254
256
258
234
56
Supply Voltage (V)
4.Efficiency VS Output Power
6. THD+N VS Output Power
R=8
L
Ω
,Gain=23dB, f=1kHz,
V =3.6V/5V
DD
0.1
200
0.2
0.5
1
2
5
10
20
50
100
20m
3
50m
100m
200m
500m
1
2
W
5V
3.6V
R=16
L
Ω
,Gain=23dB, f=1kHz,
V =3.6V/5V/5.5V
DD
50%
55%
60%
65%
70%
75%
80%
85%
90%
0
200
400
600
800
1000
1200
1400
1600
1800
2000
Output Pow er (mW)
VDD=5V
VDD=3.6V
R=8
L
Ω, V =3.6V/5V
DD
R=16
L
Ω, V =3.6V/5V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com