Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8301 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM8301
Description  Filterless Class-D Mono Audio Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8301 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM8301 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
09/2008 Rev 1.2
,
Power Analog Microelectronics Inc
Electrical Characteristic
V =5V, Gain = 24dB, R =8
T =25
unless otherwise noted.
DD
L
A
Ω,
,
°C
www.poweranalog.com
PAM8301
Filterless Class-D Mono Audio Amplifier
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
2.5
5.5
V
Quiescent Current
IQ
No Load
4
8
mA
Shutdown Current
ISHDN
VSHDN=0V
1
μA
SHDN Input High
V
SH
1.2
SHDN Input Low
V
SL
0.4
V
PMOSFET
0.45
Drain-Source On-State
Resistance
R
DS(ON)
I
DS =100mA
NMOSFET
0.20
Ω
THD+N=1%
1.2
Output Power
PO
f=1kHz
THD+N=10%
1.5
W
RL =8Ω
,PO=200mW
0.2
Total Harmonic Distortion Plus
Noise
THD+N
RL =8Ω
,PO=0.5W
0.3
%
Power Supply Ripple Rejection
PSRR
No input, f=1kHz, Vpp=200mV
45
50
dB
Gain
Gv
24
dB
No A-weighting
180
Noise
Vn
A-weighting
120
μV
Oscillator Frequency
fOSC
200
250
300
kHz
Peak Efficiency
η
f=1kHz
85
88
%
Signal to Noise Ratio
SNR
f =20 to 20kHz
78
dB
Over Temperature Protection
OTP
135
°C
Over Temperature Hysteresis
OTH
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com