Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H745XI Datasheet (PDF) - STMicroelectronics

STM32H745XI Datasheet PDF - STMicroelectronics
Part # STM32H745XI
Download  STM32H745XI Download
File Size   3428.72 Kbytes
Page   252 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs,up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS

STM32H745XI Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32H745XI Datasheet PDF - STMicroelectronics

Part # STM32H745XI
Download  STM32H745XI Click to download

File Size   3428.72 Kbytes
Page   252 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs,up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS

STM32H745XI Datasheet (HTML) - STMicroelectronics


STM32H745XI Product details

Features
■ Dual core
■ 32-bit Arm® Cortex®-M7 core with doubleprecision FPU and L1 cache: 16 Kbytes of data and 16 Kbytes of instruction cache; frequency up to 480 MHz, MPU, 1027 DMIPS/ 2.14 DMIPS/MHz (Dhrystone 2.1), and DSP
■ instructions
■ 32-bit Arm® 32-bit Cortex®-M4 core with FPU, Adaptive real-time accelerator (ART Accelerator™) for internal Flash memory and external memories, frequency up to 240 MHz, MPU, 300 DMIPS/1.25 DMIPS /MHz (Dhrystone 2.1), and DSP instructions
■ Memories
■ Up to 2 Mbytes of Flash memory with read-
■ while-write support
■ 1 Mbyte of RAM: 192 Kbytes of TCM RAM (inc. 64 Kbytes of ITCM RAM + 128 Kbytes of DTCM RAM for time critical routines), 864 Kbytes of user SRAM, and 4 Kbytes of
■ SRAM in Backup domain
■ Dual mode Quad-SPI memory interface
■ running up to 133 MHz
■ Flexible external memory controller with up to 32-bit data bus: SRAM, PSRAM, SDRAM/LPSDR SDRAM, NOR/NAND Flash memory clocked up to 125 MHz in
■ Synchronous mode
■ CRC calculation unit
■ Security
■ ROP, PC-ROP, active tamper
■ General-purpose input/outputs
■ Up to 168 I/O ports with interrupt capability
■ Reset and power management
■ 3 separate power domains which can be independently clock-gated or switched off:
■ D1: high-performance capabilities
■ D2: communication peripherals and timers
■ D3: reset/clock control/power management
■ 1.62 to 3.6 V application supply and I/Os
■ POR, PDR, PVD and BOR
■ Dedicated USB power embedding a 3.3 V internal regulator to supply the internal PHYs
■ Embedded regulator (LDO) to supply the digital
■ circuitry
■ High power-efficiency SMPS step-down converter regulator to directly supply VCORE
■ and/or external circuitry
■ Voltage scaling in Run and Stop mode (6
■ configurable ranges)
■ Backup regulator (~0.9 V)
■ Voltage reference for analog peripheral/VREF+
■ 1.2 to 3.6 V VBAT supply
■ Low-power modes: Sleep, Stop, Standby and VBAT supporting battery charging
■ Low-power consumption
■ VBAT battery operating mode with charging
■ capability
■ CPU and domain power state monitoring pins
■ 2.95 µA in Standby mode (Backup SRAM OFF, RTC/LSE ON) FBGA TFBGA240+25 (14x14 mm) UFBGA176+25 (10x10 mm) FBGA LQFP144 (20x20 mm) LQFP176 (24x24 mm) LQFP208 (28x28 mm)




Similar Part No. - STM32H745XI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32H745 STMICROELECTRONICS-STM32H745 Datasheet
3Mb / 26P
STM32 development boards
STM32H745I-DISCO STMICROELECTRONICS-STM32H745I-DISCO Datasheet
2Mb / 6P
Discovery kits with STM32H745XI and STM32H750XB MCUs
Rev 2 - April 2019
STM32H745I-DISCO STMICROELECTRONICS-STM32H745I-DISCO Datasheet
3Mb / 26P
STM32 development boards
More results


Similar Description - STM32H745XI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32H742XI STMICROELECTRONICS-STM32H742XI Datasheet
4Mb / 357P
32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB Flash, up to 1MB RAM, 46 com. and analog interfaces
25-Apr-2019
STM32H747XI STMICROELECTRONICS-STM32H747XI Datasheet
3Mb / 252P
Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI
16-May-2019
STM32H747AI STMICROELECTRONICS-STM32H747AI Datasheet
3Mb / 252P
Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI
May 2019 Rev 1
STM32H755BI STMICROELECTRONICS-STM32H755BI Datasheet
3Mb / 252P
Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, crypto
May 2019 Rev 1
STM32H753XI STMICROELECTRONICS-STM32H753XI Datasheet
7Mb / 361P
32-bit Arm® Cortex®-M7 480MHz MCUs, 2MB Flash,1MB RAM, 46 com. and analog interfaces, crypto
04-Mar-2022
STM32H7A3XI STMICROELECTRONICS-STM32H7A3XI Datasheet
7Mb / 237P
32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
04-May-2021
STM32H757XI STMICROELECTRONICS-STM32H757XI Datasheet
2Mb / 251P
Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI, crypto
16-May-2019
STM32H7B0XB STMICROELECTRONICS-STM32H7B0XB Datasheet
6Mb / 205P
32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
04-May-2021
STM32H7B3XI STMICROELECTRONICS-STM32H7B3XI Datasheet
7Mb / 238P
32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
04-May-2021
STM32H742XI STMICROELECTRONICS-STM32H742XI_V01 Datasheet
7Mb / 357P
32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
30-Mar-2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com