Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742XI Datasheet (PDF) - STMicroelectronics

STM32H742XI Datasheet PDF - STMicroelectronics
Part # STM32H742XI_V01
Download  STM32H742XI Download
File Size   7175.45 Kbytes
Page   357 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces

STM32H742XI Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32H742XI Datasheet PDF - STMicroelectronics

Part # STM32H742XI_V01
Download  STM32H742XI Click to download

File Size   7175.45 Kbytes
Page   357 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces

STM32H742XI Datasheet (HTML) - STMicroelectronics


STM32H742XI Product details

Features
Includes ST state-of-the-art patented
technology
Core
• 32-bit Arm® Cortex®-M7 core with doubleprecision
FPU and L1 cache: 16 Kbytes of data
and 16 Kbytes of instruction cache; frequency
up to 480 MHz, MPU, 1027 DMIPS/
2.14 DMIPS/MHz (Dhrystone 2.1), and DSP
instructions
Memories
• Up to 2 Mbytes of flash memory with readwhile-
write support
• Up to 1 Mbyte of RAM: 192 Kbytes of TCM
RAM (inc. 64 Kbytes of ITCM RAM +
128 Kbytes of DTCM RAM for time critical
routines), Up to 864 Kbytes of user SRAM, and
4 Kbytes of SRAM in Backup domain
• Dual mode Quad-SPI memory interface
running up to 133 MHz
• Flexible external memory controller with up to
32-bit data bus: SRAM, PSRAM,
SDRAM/LPSDR SDRAM, NOR/NAND flash
memory clocked up to 100 MHz in
Synchronous mode
• CRC calculation unit
Security
• ROP, PC-ROP, active tamper
General-purpose input/outputs
• Up to 168 I/O ports with interrupt capability
Reset and power management
• 3 separate power domains which can be
independently clock-gated or switched off:
– D1: high-performance capabilities
– D2: communication peripherals and timers
– D3: reset/clock control/power management
• 1.62 to 3.6 V application supply and I/Os
• POR, PDR, PVD and BOR
• Dedicated USB power embedding a 3.3 V
internal regulator to supply the internal PHYs
• Embedded regulator (LDO) with configurable
scalable output to supply the digital circuitry
• Voltage scaling in Run and Stop mode (6
configurable ranges)
• Backup regulator (~0.9 V)
• Voltage reference for analog peripheral/VREF+
• Low-power modes: Sleep, Stop, Standby and
VBAT supporting battery charging
Low-power consumption
• VBAT battery operating mode with charging
capability
• CPU and domain power state monitoring pins
• 2.95 μA in Standby mode (Backup SRAM OFF,
RTC/LSE ON)
Clock management
• Internal oscillators: 64 MHz HSI, 48 MHz
HSI48, 4 MHz CSI, 32 kHz LSI
• External oscillators: 4-48 MHz HSE,
32.768 kHz LSE
• 3× PLLs (1 for the system clock, 2 for kernel
clocks) with Fractional mode
Interconnect matrix
• 3 bus matrices (1 AXI and 2 AHB)
• Bridges (5× AHB2-APB, 2× AXI2-AHB)
4 DMA controllers to unload the CPU
• 1× high-speed master direct memory access
controller (MDMA) with linked list support
• 2× dual-port DMAs with FIFO
• 1× basic DMA with request router capabilities
Up to 35 communication peripherals
• 4× I2Cs FM+ interfaces (SMBus/PMBus)
• 4× USARTs/4x UARTs (ISO7816 interface,
LIN, IrDA, up to 12.5 Mbit/s) and 1x LPUART
• 6× SPIs, 3 with muxed duplex I2S audio class
accuracy via internal audio PLL or external
clock, 1x I2S in LP domain (up to 150 MHz)
• 4x SAIs (serial audio interface)
• SPDIFRX interface
• SWPMI single-wire protocol master I/F
• MDIO Slave interface
• 2× SD/SDIO/MMC interfaces (up to 125 MHz)
• 2× CAN controllers: 2 with CAN FD, 1 with
time-triggered CAN (TT-CAN)
• 2× USB OTG interfaces (1FS, 1HS/FS) crystalless
solution with LPM and BCD
• Ethernet MAC interface with DMA controller
• HDMI-CEC
• 8- to 14-bit camera interface (up to 80 MHz)
11 analog peripherals
• 3× ADCs with 16-bit max. resolution (up to 36
channels, up to 3.6 MSPS)
• 1× temperature sensor
• 2× 12-bit D/A converters (1 MHz)
• 2× ultra-low-power comparators
• 2× operational amplifiers (7.3 MHz bandwidth)
• 1× digital filters for sigma delta modulator
(DFSDM) with 8 channels/4 filters
Graphics
• LCD-TFT controller up to XGA resolution
• Chrom-ART graphical hardware Accelerator
(DMA2D) to reduce CPU load
• Hardware JPEG Codec
Up to 22 timers and watchdogs
• 1× high-resolution timer (2.1 ns max
resolution)
• 2× 32-bit timers with up to 4 IC/OC/PWM or
pulse counter and quadrature (incremental)
encoder input (up to 240 MHz)
• 2× 16-bit advanced motor control timers (up to
240 MHz)
• 10× 16-bit general-purpose timers (up to
240 MHz)
• 5× 16-bit low-power timers (up to 240 MHz)
• 2× watchdogs (independent and window)
• 1× SysTick timer
• RTC with sub-second accuracy and hardware
calendar
Debug mode
• SWD & JTAG interfaces
• 4-Kbyte embedded trace buffer
True random number generators (3
oscillators each)
96-bit unique ID




Similar Part No. - STM32H742XI_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32H742XI STMICROELECTRONICS-STM32H742XI Datasheet
4Mb / 357P
32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB Flash, up to 1MB RAM, 46 com. and analog interfaces
25-Apr-2019
More results


Similar Description - STM32H742XI_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32H742XI STMICROELECTRONICS-STM32H742XI Datasheet
4Mb / 357P
32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB Flash, up to 1MB RAM, 46 com. and analog interfaces
25-Apr-2019
STM32H747XI STMICROELECTRONICS-STM32H747XI Datasheet
3Mb / 252P
Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI
16-May-2019
STM32H747AI STMICROELECTRONICS-STM32H747AI Datasheet
3Mb / 252P
Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI
May 2019 Rev 1
STM32H755BI STMICROELECTRONICS-STM32H755BI Datasheet
3Mb / 252P
Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, crypto
May 2019 Rev 1
STM32H745XI STMICROELECTRONICS-STM32H745XI Datasheet
3Mb / 252P
Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs,up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS
16-May-2019
STM32H753XI STMICROELECTRONICS-STM32H753XI Datasheet
7Mb / 361P
32-bit Arm® Cortex®-M7 480MHz MCUs, 2MB Flash,1MB RAM, 46 com. and analog interfaces, crypto
04-Mar-2022
STM32H7A3XI STMICROELECTRONICS-STM32H7A3XI Datasheet
7Mb / 237P
32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
04-May-2021
STM32H757XI STMICROELECTRONICS-STM32H757XI Datasheet
2Mb / 251P
Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI, crypto
16-May-2019
STM32H7B0XB STMICROELECTRONICS-STM32H7B0XB Datasheet
6Mb / 205P
32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
04-May-2021
STM32H7B3XI STMICROELECTRONICS-STM32H7B3XI Datasheet
7Mb / 238P
32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
04-May-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com