Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRS1383F Datasheet (PDF) - Sharp Corporation

LRS1383F Datasheet PDF - Sharp Corporation
Part # LRS1383F
Download  LRS1383F Download
File Size   3327.35 Kbytes
Page   44 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM

LRS1383F Datasheet (PDF)

Go To PDF Page Download Datasheet
LRS1383F Datasheet PDF - Sharp Corporation

Part # LRS1383F
Download  LRS1383F Click to download

File Size   3327.35 Kbytes
Page   44 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM

LRS1383F Datasheet (HTML) - Sharp Corporation


LRS1383F Product details

Description
The LRS1383F is a combination memory organized as 2,097,152 x16 bit flash memory and 524.288 x16 bit static RAM in one package.

Features
- Power supply • • • • 2.7V to 3.3V
- Operating temperature • • • • -25°C to +85°C
- Not designed or rated as radiation hardened
- 72pin CSP (LCSP072-P-0811) plastic package
- Flash memory has P-type bulk silicon, and SRAM has P-type bulk silicon




Similar Part No. - LRS1383F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LRS1383 SHARP-LRS1383 Datasheet
3Mb / 114P
STACKED CHIP 32M FLASH AND 8M SRAM
LRS1383C SHARP-LRS1383C Datasheet
3Mb / 54P
FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
LRS1383H SHARP-LRS1383H Datasheet
3Mb / 45P
STACKED CHIP 32M (X 16) BOOT BLOCK FLASH AND 8M (X 16) SRAM
More results


Similar Description - LRS1383F

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84SD23280FA SPANSION-MB84SD23280FA Datasheet
428Kb / 40P
64M (X16) FLASH MEMORY 8M (X16) SRAM
logo
Sharp Corporation
LRS1383C SHARP-LRS1383C Datasheet
3Mb / 54P
FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
LH28F320BFE-PTTL60 SHARP-LH28F320BFE-PTTL60 Datasheet
907Kb / 37P
32M (x16) Flash Memory
LH28F320BFHE-PTTL60 SHARP-LH28F320BFHE-PTTL60 Datasheet
908Kb / 37P
32M (x16) Flash Memory
LH28F320BFHE-PBTL60 SHARP-LH28F320BFHE-PBTL60 Datasheet
908Kb / 37P
32M (x16) Flash Memory
LH28F320BFHB-PBTL60 SHARP-LH28F320BFHB-PBTL60 Datasheet
916Kb / 37P
32M (x16) Flash Memory
LH28F320BFHE-PTTLZ1 SHARP-LH28F320BFHE-PTTLZ1 Datasheet
897Kb / 36P
32M (x16) Flash Memory
LH28F320BFHE-PBTLZ2 SHARP-LH28F320BFHE-PBTLZ2 Datasheet
897Kb / 36P
32M (x16) Flash Memory
LH28F320BFHG-PTTLZM SHARP-LH28F320BFHG-PTTLZM Datasheet
913Kb / 37P
32M (x16) Flash Memory
logo
SPANSION
MB84VD22280FA-70 SPANSION-MB84VD22280FA-70 Datasheet
690Kb / 47P
32M (X16) FLASH MEMORY & 8M (X16) STATIC RAM
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com