Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRS1383H Datasheet (PDF) - Sharp Corporation

LRS1383H Datasheet PDF - Sharp Corporation
Part # LRS1383H
Download  LRS1383H Download
File Size   3559.97 Kbytes
Page   45 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description STACKED CHIP 32M (X 16) BOOT BLOCK FLASH AND 8M (X 16) SRAM

LRS1383H Datasheet (PDF)

Go To PDF Page Download Datasheet
LRS1383H Datasheet PDF - Sharp Corporation

Part # LRS1383H
Download  LRS1383H Click to download

File Size   3559.97 Kbytes
Page   45 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description STACKED CHIP 32M (X 16) BOOT BLOCK FLASH AND 8M (X 16) SRAM

LRS1383H Datasheet (HTML) - Sharp Corporation


LRS1383H Product details

Description
The LRS1383H is a combination memory organized as 2,097,152 x16 bit flash memory and 524.288 x16 bit static RAM in one package.

Features
- Power supply • • • • 2.7V to 3.3V
- Operating temperature • • • • -25°C to +85°C
- Not designed or rated as radiation hardened
- 72pin CSP (LCSP072-P-0811) plastic package
- Flash memory has P-type bulk silicon, and SRAM has P-type bulk silicon




Similar Part No. - LRS1383H

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LRS1383 SHARP-LRS1383 Datasheet
3Mb / 114P
STACKED CHIP 32M FLASH AND 8M SRAM
LRS1383C SHARP-LRS1383C Datasheet
3Mb / 54P
FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
LRS1383F SHARP-LRS1383F Datasheet
3Mb / 44P
FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
More results


Similar Description - LRS1383H

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
MB84VD2008 FUJITSU-MB84VD2008 Datasheet
393Kb / 30P
8M (x 16) FLASH MEMORY & 2M (x 16) STATIC RAM
logo
Integrated Silicon Solu...
IS28F200BLV ISSI-IS28F200BLV Datasheet
1Mb / 44P
131,072 x 16/262,144 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
IS28F400BLV ISSI-IS28F400BLV Datasheet
1Mb / 43P
262,144 x 16/524,288 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
logo
Sanyo Semicon Device
LRS1380 SANYO-LRS1380 Datasheet
3Mb / 54P
STACKED CHIP 32M (X 16) FLASH AND 4M (X 16) SRAM
logo
Sharp Corporation
LRS1380J SHARP-LRS1380J Datasheet
4Mb / 56P
STACKED CHIP 32M (X 16) BOOT BLOCK FLASH AND 4M (X 16) SRAM
LRS1381 SHARP-LRS1381 Datasheet
4Mb / 114P
STACKED CHIP 32M FLASH AND 4M SRAM
LRS1382 SHARP-LRS1382 Datasheet
3Mb / 114P
STACKED CHIP 32M FLASH AND 8M SRAM
LRS1383 SHARP-LRS1383 Datasheet
3Mb / 114P
STACKED CHIP 32M FLASH AND 8M SRAM
logo
Austin Semiconductor
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com