Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX100GS Datasheet (PDF) - Motorola, Inc

MPX100GS Datasheet PDF - Motorola, Inc
Part # MPX100GS
Download  MPX100GS Download
File Size   157.72 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 100kPa Uncompensated Silicon Pressure Sensors

MPX100GS Datasheet (PDF)

Go To PDF Page Download Datasheet
MPX100GS Datasheet PDF - Motorola, Inc

Part # MPX100GS
Download  MPX100GS Click to download

File Size   157.72 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 100kPa Uncompensated Silicon Pressure Sensors

MPX100GS Datasheet (HTML) - Motorola, Inc


MPX100GS Product details

0 to 100 kPa (0 – 14.5 psi) 60 mV FULL SCALE SPAN (TYPICAL)



The MPX100 series device is a silicon piezoresistive pressure sensor providing a very

accurate and linear voltage output — directly proportional to the applied pressure. This

standard, low cost, uncompensated sensor permits manufacturers to design and add

their own external temperature compensating and signal conditioning networks.

Compensation techniques are simplified because of the predictability of Motorola’s single

element strain gauge design.



Features

• Low Cost

• Patented, Silicon Shear Stress Strain Gauge Design

• Easy to Use Chip Carrier Package Options

• Ratiometric to Supply Voltage

• 60 mV Span (Typ)

• Absolute, Differential and Gauge Options

•±0.25% Linearity (Max)



Application Examples

• Pump/Motor Controllers

• Robotics

• Level Indicators

• Medical Diagnostics

• Pressure Switching

• Barometers

• Altimeters




Similar Part No. - MPX100GS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX10 MOTOROLA-MPX10 Datasheet
157Kb / 8P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
logo
Freescale Semiconductor...
MPX10 FREESCALE-MPX10 Datasheet
228Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10 Datasheet
129Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX10 NXP-MPX10 Datasheet
170Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
Rev 14, 10/2008
logo
Motorola, Inc
MPX10D MOTOROLA-MPX10D Datasheet
157Kb / 8P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
More results


Similar Description - MPX100GS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX53 MOTOROLA-MPX53 Datasheet
150Kb / 8P
50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPVZ12 FREESCALE-MPVZ12 Datasheet
236Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
MPVZ12 FREESCALE-MPVZ12_07 Datasheet
324Kb / 13P
10 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10 Datasheet
228Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
MPX12 FREESCALE-MPX12 Datasheet
190Kb / 8P
10 kPa Uncompensated Silicon Pressure Sensors
MPX53 FREESCALE-MPX53 Datasheet
221Kb / 9P
50 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10_08 Datasheet
129Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
MPX12 FREESCALE-MPX12_08 Datasheet
237Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
MPX53 FREESCALE-MPX53_08 Datasheet
117Kb / 8P
50 kPa Uncompensated Silicon Pressure Sensors
MPXM12GS FREESCALE-MPXM12GS Datasheet
376Kb / 20P
10 kPa Uncompensated Silicon Pressure Sensors
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com