Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX12 Datasheet (PDF) - Freescale Semiconductor, Inc

MPX12 Datasheet PDF - Freescale Semiconductor, Inc
Part # MPX12
Download  MPX12 Download
File Size   190.47 Kbytes
Page   8 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 10 kPa Uncompensated Silicon Pressure Sensors

MPX12 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPX12 Datasheet PDF - Freescale Semiconductor, Inc

Part # MPX12
Download  MPX12 Click to download

File Size   190.47 Kbytes
Page   8 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 10 kPa Uncompensated Silicon Pressure Sensors

MPX12 Datasheet (HTML) - Freescale Semiconductor, Inc


MPX12 Product details

10 kPa Uncompensated Silicon Pressure Sensors

The MPX12 series silicon piezoresistive pressure sensors provide a very accurate and linear voltage output, directly proportional to the applied pressure. This standard, low cost, uncompensated sensor permits manufacturers to design and add their own external temperature compensating and signal conditioning networks. Compensation techniques are simplified because of the predictability of Freescales single element strain gauge design.

Features
• Low Cost
• Patented Silicon Shear Stress Strain Gauge Design
• Ratiometric to Supply Voltage
• Easy to Use Chip Carrier Package Options
• Gauge Options
• Durable Epoxy Package

Application Examples
• Air Movement Control
• Environmental Control Systems
• Level Indicators
• Leak Detection
• Medical Instrumentation
• Industrial Controls
• Pneumatic Control Systems
• Robotics




Similar Part No. - MPX12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX12 MOTOROLA-MPX12 Datasheet
158Kb / 8P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
logo
Freescale Semiconductor...
MPX12 FREESCALE-MPX12 Datasheet
237Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX12 NXP-MPX12 Datasheet
449Kb / 20P
10 kPa Uncompensated Silicon Pressure Sensors
Rev 11, 07/2009
logo
Freescale Semiconductor...
MPX12 FREESCALE-MPX12 Datasheet
256Kb / 2P
Pressure Sensor Functional Package Board
REV 0
logo
Motorola, Inc
MPX12D MOTOROLA-MPX12D Datasheet
158Kb / 8P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
More results


Similar Description - MPX12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX53 MOTOROLA-MPX53 Datasheet
150Kb / 8P
50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPVZ12 FREESCALE-MPVZ12 Datasheet
236Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
MPVZ12 FREESCALE-MPVZ12_07 Datasheet
324Kb / 13P
10 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10 Datasheet
228Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
MPX53 FREESCALE-MPX53 Datasheet
221Kb / 9P
50 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10_08 Datasheet
129Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
MPX12 FREESCALE-MPX12_08 Datasheet
237Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
MPXM12GS FREESCALE-MPXM12GS Datasheet
376Kb / 20P
10 kPa Uncompensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX10 NXP-MPX10 Datasheet
170Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
Rev 14, 10/2008
MPX12 NXP-MPX12 Datasheet
449Kb / 20P
10 kPa Uncompensated Silicon Pressure Sensors
Rev 11, 07/2009
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com