Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX12 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPX12
Description  10 kPa Uncompensated Silicon Pressure Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX12 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPX12 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MPX12
Rev 7, 01/2007
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2007. All rights reserved.
10 kPa Uncompensated
Silicon Pressure Sensors
The MPX12 series device is a silicon piezoresistive pressure sensor providing
a very accurate and linear voltage output — directly proportional to the applied
pressure. This standard, low cost, uncompensated sensor permits
manufacturers to design and add their own external temperature compensating
and signal conditioning networks. Compensation techniques are simplified
because of the predictability of Freescale's single element strain gauge design.
Features
Low Cost
Patented Silicon Shear Stress Strain Gauge Design
Ratiometric to Supply Voltage
Easy to Use Chip Carrier Package Options
Differential and Gauge Options
Durable Epoxy Package
Application Examples
Air Movement Control
Environmental Control Systems
Level Indicators
Leak Detection
Medical Instrumentation
Industrial Controls
Pneumatic Control Systems
Robotics
ORDERING INFORMATION(1)
1. MPX12 series pressure sensors are available in differential and gauge configurations.
Devices are available in the basic element package or with pressure port fittings which
provide printed circuit board mounting ease and barbed hose pressure connections.
Device Type
Options
Case No.
Order Number
Device Marking
Basic Element
Differential
344
MPX12D
MPX12D
Ported Elements
Differential
344C
MPX12DP
MPX12DP
Gauge
344B
MPX12GP
MPX12GP
MPX12 SERIES
UNCOMPENSATED PRESSURE
SENSOR
0 TO 10 kPA (0–1.45 psi)
55 mV FULL SCALE SPAN
(TYPICAL)
MPX12D
CASE 344-15
MPX12DP
CASE 344C-01
MPX12GP
CASE 344B-01
PIN NUMBERS
1
GND
3
VSS
2
+Vout
4
–Vout


Similar Part No. - MPX12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX12 MOTOROLA-MPX12 Datasheet
158Kb / 8P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
logo
Freescale Semiconductor...
MPX12 FREESCALE-MPX12 Datasheet
237Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX12 NXP-MPX12 Datasheet
449Kb / 20P
10 kPa Uncompensated Silicon Pressure Sensors
Rev 11, 07/2009
logo
Freescale Semiconductor...
MPX12 FREESCALE-MPX12 Datasheet
256Kb / 2P
Pressure Sensor Functional Package Board
REV 0
logo
Motorola, Inc
MPX12D MOTOROLA-MPX12D Datasheet
158Kb / 8P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
More results

Similar Description - MPX12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX53 MOTOROLA-MPX53 Datasheet
150Kb / 8P
50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPVZ12 FREESCALE-MPVZ12 Datasheet
236Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
MPVZ12 FREESCALE-MPVZ12_07 Datasheet
324Kb / 13P
10 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10 Datasheet
228Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
MPX53 FREESCALE-MPX53 Datasheet
221Kb / 9P
50 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10_08 Datasheet
129Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
MPX12 FREESCALE-MPX12_08 Datasheet
237Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
MPXM12GS FREESCALE-MPXM12GS Datasheet
376Kb / 20P
10 kPa Uncompensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX10 NXP-MPX10 Datasheet
170Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
Rev 14, 10/2008
MPX12 NXP-MPX12 Datasheet
449Kb / 20P
10 kPa Uncompensated Silicon Pressure Sensors
Rev 11, 07/2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com