Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX12 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPX12
Description  10 kPa Uncompensated Silicon Pressure Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX12 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPX12 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPX12
Sensors
2
Freescale Semiconductor
Figure 1. Uncompensated Pressure Sensor Schematic
VOLTAGE OUTPUT VERSUS APPLIED DIFFERENTIAL PRESSURE
The output voltage of the differential or gauge sensor
increases with increasing pressure applied to the pressure
side (P1) relative to the vacuum side (P2). Similarly, output
voltage increases as increasing vacuum is applied to the
vacuum side (P2) relative to the pressure side (P1).
1
2
3
4
GND
+VOUT
–VOUT
+VS
Sensing
Element
Table 1. Maximum Ratings(1)
1. Exposure beyond the specified limits may cause permanent damage or degradation to the device.
Rating
Symbol
Value
Unit
Maximum Pressure (P1 > P2)
PMAX
75
kPa
Burst Pressure (P1 > P2)
PBURST
100
kPa
Storage Temperature
TSTG
–40 to +125
°C
Operating Temperature
TA
–40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com