Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX12 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPX12
Description  10 kPa Uncompensated Silicon Pressure Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX12 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPX12 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPX12
Sensors
Freescale Semiconductor
3
Table 2. Operating Characteristics (VS = 3.0 Vdc, TA = 25°C unless otherwise noted, P1 > P2)
Characteristic
Symbol
Min
Typ
Max
Unit
Differential Pressure Range(1)
1. 1.0 kPa (kiloPascal) equals 0.145 psi.
POP
0—
10
kPa
Supply Voltage(2)
2. Device is ratiometric within this specified excitation range. Operating the device above the specified excitation range may induce additional
error due to device self-heating.
VS
—
3.0
6.0
Vdc
Supply Current
Io
—6.0
—
mAdc
Full Scale Span(3)
3. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum related pressure.
VFSS
45
55
70
mV
Offset(4)
4. Offset (VOFF) is defined as the output voltage at the minimum rated pressure.
Voff
020
35
mV
Sensitivity
∆V/∆P—
5.5
—
mV/kPa
Linearity(5)
5. Accuracy (error budget) consists of the following:
• Linearity:
Output deviation from a straight line relationship with pressure, using end point method, over the specified
pressure range.
• Temperature Hysteresis: Output deviation at any temperature within the operating temperature range, after the temperature is cycled to
and from the minimum or maximum operating temperature points, with zero differential pressure applied.
• Pressure Hysteresis:
Output deviation at any pressure with the specified range, when this pressure is cycled to and from the minimum
or maximum rated pressure at 25°C.
• TcSpan:
Output deviation at full rated pressure over the temperature range of 0 to 85°C, relative to 25°C.
• TcOffset:
Output deviation with minimum rated pressure applied, over the temperature range of 0 to 85°C, relative to 25°C.
• TCR:
ZIN deviation with minimum rated pressure applied, over the temperature range of -40°C to ±125°C, relative to
25°C.
—
–0.5
—
5.0
%VFSS
Pressure Hysteresis6 (0 to 10 kPa)
—
—
±0.1
—
%VFSS
Temperature Hysteresis(5) (–40°C to +125°C)
—
—
±0.5
—
%VFSS
Temperature Coefficient of Full Scale Span(5)
TCVFSS
–0.22
—
–0.16
%VFSS/°C
Temperature Coefficient of Offset(5)
TCVoff
—
±15
—
µV/°C
Temperature Coefficient of Resistance(5)
TCR
0.28
—
0.34
%Zin/°C
Input Impedance
Zin
400
—
550
W
Output Impedance
Zout
750
—
1250
W
Response Time(6) (10% to 90%)
6. Response Time is defined as the time form the incremental change in the output to go from 10% to 90% of its final value when subjected to
a specified step change in pressure.
tR
—1.0
—
ms
Warm-Up Time(7)
7. Warm-up Time is defined as the time required for the product to meet the specified output voltage after the pressure is stabilized.
——
20
—
ms
Offset Stability(8)
8. Offset stability is the product’s output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test.
——
±0.5
—
%VFSS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com