Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCK2291XG Datasheet (PDF) - Toshiba Semiconductor

TCK2291XG Datasheet PDF - Toshiba Semiconductor
Part # TCK2291XG
Download  TCK2291XG Download
File Size   701.03 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 2A Load Switch IC with True Reverse Current Blocking

TCK2291XG Datasheet (PDF)

Go To PDF Page Download Datasheet
TCK2291XG Datasheet PDF - Toshiba Semiconductor

Part # TCK2291XG
Download  TCK2291XG Click to download

File Size   701.03 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 2A Load Switch IC with True Reverse Current Blocking

TCK2291XG Datasheet (HTML) - Toshiba Semiconductor


TCK2291XG Product details

The TCK2291xG series is Load Switch ICs for power management with
True Reverse Current Blocking and Thermal Shutdown function featuring
low switch on resistance, ultra low quiescent current, high output current
and wide input operating voltage range of 1.1 to 5.5 V. Switch ON
resistance is only 31 mΩ at 5.0 V, -0.15 A load conditions and output
current is available on 2.0 A. And these feature a slew rate control driver
and output auto-discharge function.
These devices are available in 0.4 mm pitch ultra small package
WCSP6E (0.8 mm x 1.2 mm, t: 0.55 mm). Thus these devices are ideal
for portable applications that require high-density board assembly such
as cellular phone.

Feature
 True Reverse Current Blocking
 Thermal Shutdown function
 Output auto-discharge (Option)
 Under voltage lockout
 Low ON resistance :
RON = 31 mΩ (typ.) at VIN = 5.0 V, IOUT = -0.15 A
RON = 40 mΩ (typ.) at VIN = 3.3 V, IOUT = -0.15 A
RON = 70 mΩ (typ.) at VIN = 1.8 V, IOUT = -0.15 A
RON = 141 mΩ (typ.) at VIN = 1.2 V, IOUT = -0.15 A
 Low Quiescent Current: IQ = 11 μA (typ.) at IOUT = 0 mA
 Low standby current: IQ(OFF) = 0.6 μA (typ.) at OFF state
 Inrush current reduction circuitt
 Pull down connection between Control and GND(Option)
 Ultra small package : WCSP6E (0.8 mm x 1.2 mm, t: 0.55 mm)




Similar Part No. - TCK2291XG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCK22921G TOSHIBA-TCK22921G Datasheet
564Kb / 15P
2A, 25mΩ Load Switch IC with Slew Rate Control Driver
2021-11-18
TCK22922G TOSHIBA-TCK22922G Datasheet
564Kb / 15P
2A, 25mΩ Load Switch IC with Slew Rate Control Driver
2021-11-18
TCK22923G TOSHIBA-TCK22923G Datasheet
564Kb / 15P
2A, 25mΩ Load Switch IC with Slew Rate Control Driver
2021-11-18
TCK22925G TOSHIBA-TCK22925G Datasheet
564Kb / 15P
2A, 25mΩ Load Switch IC with Slew Rate Control Driver
2021-11-18
TCK2292XG TOSHIBA-TCK2292XG Datasheet
564Kb / 15P
2A, 25mΩ Load Switch IC with Slew Rate Control Driver
2021-11-18
More results


Similar Description - TCK2291XG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2140 FAIRCHILD-FPF2140 Datasheet
911Kb / 13P
Full Function Load Switch with Reverse Current Blocking
FPF1048 FAIRCHILD-FPF1048 Datasheet
1Mb / 3P
IntelliMAX??3A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
logo
Global Mixed-mode Techn...
G5197 GMT-G5197 Datasheet
75Kb / 1P
3A Capable Slew Rate Controlled Load Switch With True Reverse Current Blocking.
logo
Semtech Corporation
SC33020H SEMTECH-SC33020H Datasheet
1Mb / 15P
2A Load Switch with Reverse Current Blocking
logo
Anpec Electronics Corop...
APL3222 ANPEC-APL3222 Datasheet
195Kb / 14P
3.5A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
logo
Shenzhen Huazhimei Semi...
HM9705 HMSEMI-HM9705 Datasheet
575Kb / 8P
3A Current Limited Load Switch with True Reverse Current Blocking
logo
Toshiba Semiconductor
TCK206G TOSHIBA-TCK206G Datasheet
492Kb / 12P
0.75 V, 2A Load Switch IC with Reverse Current Blocking in Ultra Small Package
TCK207AN TOSHIBA-TCK207AN Datasheet
525Kb / 11P
0.75 V, 2A Load Switch IC with Reverse Current Blocking in Ultra Small Package
logo
Alpha & Omega Semicondu...
AOZ1353DI AOSMD-AOZ1353DI Datasheet
1Mb / 16P
5V/3.5A ECPower™ Smart Current-Limited Load Switch with True Reverse-Current Blocking
Rev. 1.6 June 2022
logo
Renesas Technology Corp
SLG59M1606V RENESAS-SLG59M1606V Datasheet
357Kb / 11P
Dual 4.5 A Load Switch with Reverse Current Blocking
February 4, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com