Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M1606V Datasheet (PDF) - Renesas Technology Corp

SLG59M1606V Datasheet PDF - Renesas Technology Corp
Part # SLG59M1606V
Download  SLG59M1606V Download
File Size   357.02 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 4.5 A Load Switch with Reverse Current Blocking

SLG59M1606V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1606V Datasheet PDF - Renesas Technology Corp

Part # SLG59M1606V
Download  SLG59M1606V Click to download

File Size   357.02 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 4.5 A Load Switch with Reverse Current Blocking

SLG59M1606V Datasheet (HTML) - Renesas Technology Corp


SLG59M1606V Product details

General Description
The SLG59M1606V is designed for load switching application.
The part comes with two 4.5 A rated MOSFETs switched on by
two ON control pins. Each MOSFETs turn on time is
independently adjusted by an external capacitor.
Features
• Two 4.5 A independent MOSFETs with Reverse Current
Blocking
• Two Integrated VGS Charge Pumps
• Independent Ramp Control
• Protected by thermal shutdown
• Pb-Free / RoHS Compliant
• Halogen-Free
• STDFN 14L, 1 x 3 x 0.55 mm




Similar Part No. - SLG59M1606V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1606V DIALOG-SLG59M1606V Datasheet
128Kb / 10P
Protected by thermal shutdown
SLG59M1606VTR DIALOG-SLG59M1606VTR Datasheet
128Kb / 10P
Protected by thermal shutdown
More results


Similar Description - SLG59M1606V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2140 FAIRCHILD-FPF2140 Datasheet
911Kb / 13P
Full Function Load Switch with Reverse Current Blocking
logo
Semtech Corporation
SC33020H SEMTECH-SC33020H Datasheet
1Mb / 15P
2A Load Switch with Reverse Current Blocking
logo
Dialog Semiconductor
SLG7NT614V DIALOG-SLG7NT614V Datasheet
116Kb / 10P
Ultra-small 22 m廓 4 A Load Switch with Reverse Current Blocking
SLG59M611V DIALOG-SLG59M611V Datasheet
129Kb / 11P
Ultra-small 22 m廓 4 A Load Switch with Reverse Current Blocking
logo
Shenzhen Huazhimei Semi...
HM9705 HMSEMI-HM9705 Datasheet
575Kb / 8P
3A Current Limited Load Switch with True Reverse Current Blocking
logo
Toshiba Semiconductor
TCK2291XG TOSHIBA-TCK2291XG Datasheet
701Kb / 15P
2A Load Switch IC with True Reverse Current Blocking
2021-02-24
logo
Renesas Technology Corp
SLG59M1714V RENESAS-SLG59M1714V Datasheet
725Kb / 21P
A Reverse-current Blocking, 15 mΩ, 4 A Load Switch with Analog Current Monitor Output
2-Feb-2022
SLG59M1527V RENESAS-SLG59M1527V Datasheet
609Kb / 15P
Dual 4.5 A Load Switch
3-Feb-2022
SLG59M1603V RENESAS-SLG59M1603V Datasheet
359Kb / 11P
Dual 4.5A Load Switch with Discharge and Reverse Current Blocking
February 4, 2022
SLG5NT1602V RENESAS-SLG5NT1602V Datasheet
391Kb / 11P
7.8 mW, 9 A Load Switch with Discharge and Reverse Current Blocking
February 7, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com