Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M1527V Datasheet (PDF) - Renesas Technology Corp

SLG59M1527V Datasheet PDF - Renesas Technology Corp
Part # SLG59M1527V
Download  SLG59M1527V Download
File Size   609.08 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 4.5 A Load Switch

SLG59M1527V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1527V Datasheet PDF - Renesas Technology Corp

Part # SLG59M1527V
Download  SLG59M1527V Click to download

File Size   609.08 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 4.5 A Load Switch

SLG59M1527V Datasheet (HTML) - Renesas Technology Corp


SLG59M1527V Product details

General Description
The SLG59M1527V is designed for load switching application.
The part comes with two 4.5 A rated MOSFETs switched on by
two ON control pins. Each MOSFETs turn on time is
independently adjusted by an external capacitor.
Features
• Two 4.5 A independent MOSFETs
• Two Integrated VGS Charge Pumps
• Two internal discharges per channel for gate and source
• Independent Ramp Control
• Protected by thermal shutdown with current limit
• Pb-Free / RoHS Compliant
• Halogen-Free
• STDFN-14L, 1 x 3 x 0.55 mm




Similar Part No. - SLG59M1527V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1527V DIALOG-SLG59M1527V Datasheet
213Kb / 11P
Dual 4.5A GreenFET 3 Load Switch
SLG59M1527VTR DIALOG-SLG59M1527VTR Datasheet
213Kb / 11P
Dual 4.5A GreenFET 3 Load Switch
More results


Similar Description - SLG59M1527V

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4670 AAT-AAT4670 Datasheet
281Kb / 13P
Dual-Input, Dual-Output Load Switch
4670.2006.09.1.4
logo
Advanced Analogic Techn...
AAT4670 ANALOGICTECH-AAT4670_06 Datasheet
281Kb / 13P
Dual-Input, Dual-Output Load Switch
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP_11 Datasheet
139Kb / 10P
4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
logo
MagnaChip Semiconductor...
MSI2206 MGCHIP-MSI2206 Datasheet
1Mb / 12P
Dual Channel 6A Load Switch
logo
Alpha & Omega Semicondu...
AOZ1331DI AOSMD-AOZ1331DI Datasheet
1Mb / 14P
Dual Channel Smart Load Switch
AOZ1331ADI AOSMD-AOZ1331ADI Datasheet
854Kb / 14P
Dual Channel Smart Load Switch
Rev. 1.3 July 2018
logo
Renesas Technology Corp
SLG59M1804V RENESAS-SLG59M1804V Datasheet
497Kb / 12P
Dual 4.5A GreenFET Load Switch
February 8, 2022
SLG59M1526V RENESAS-SLG59M1526V Datasheet
358Kb / 11P
Dual 4.5A GreenFET Load Switch
February 4, 2022
SLG59M1599V RENESAS-SLG59M1599V Datasheet
377Kb / 10P
Ultra-small 40 mW / 1.0 A Dual Load Switch
February 4, 2022
SLG59M1606V RENESAS-SLG59M1606V Datasheet
357Kb / 11P
Dual 4.5 A Load Switch with Reverse Current Blocking
February 4, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com