Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG5NT1602V Datasheet (PDF) - Renesas Technology Corp

SLG5NT1602V Datasheet PDF - Renesas Technology Corp
Part # SLG5NT1602V
Download  SLG5NT1602V Download
File Size   391.11 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 7.8 mW, 9 A Load Switch with Discharge and Reverse Current Blocking

SLG5NT1602V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG5NT1602V Datasheet PDF - Renesas Technology Corp

Part # SLG5NT1602V
Download  SLG5NT1602V Click to download

File Size   391.11 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 7.8 mW, 9 A Load Switch with Discharge and Reverse Current Blocking

SLG5NT1602V Datasheet (HTML) - Renesas Technology Corp


SLG5NT1602V Product details

General Description
The SLG5NT1602V is designed for load switching application.
The part comes with one 9 A rated MOSFET switched on by
an ON control pin. MOSFET turn on time is independently
adjusted by an external capacitor.
Features
• One 9 A independent MOSFET with reverse current
blocking
• Integrated VGS Charge Pump
• Internal discharge for gate and source
• Ramp Control
• Protected by thermal shutdown with current limit
• Pb-Free / RoHS Compliant
• Halogen-Free
• STDFN 14L, 1 x 3 x 0.55 mm




Similar Part No. - SLG5NT1602V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NT1602V DIALOG-SLG5NT1602V Datasheet
142Kb / 10P
7.8 m廓, 9 A Integrated Power Switch with Discharge and Reverse Current Blocking
More results


Similar Description - SLG5NT1602V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1600V DIALOG-SLG59M1600V Datasheet
143Kb / 11P
7.8 m廓, 9 A Integrated Power Switch with Discharge and Reverse Current Blocking
SLG5NT1602V DIALOG-SLG5NT1602V Datasheet
142Kb / 10P
7.8 m廓, 9 A Integrated Power Switch with Discharge and Reverse Current Blocking
logo
Renesas Technology Corp
SLG5NT1437V RENESAS-SLG5NT1437V Datasheet
296Kb / 11P
Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 7, 2022
SLG59M1571V RENESAS-SLG59M1571V Datasheet
400Kb / 9P
Ultra-small 14.6 mW 1.0 A GreenFET Load Switch with Discharge and Reverse Blocking
February 14, 2022
SLG59M1600V RENESAS-SLG59M1600V Datasheet
393Kb / 12P
7.8 mW, 9 A Load Switch
February 10, 2022
SLG59M1603V RENESAS-SLG59M1603V Datasheet
359Kb / 11P
Dual 4.5A Load Switch with Discharge and Reverse Current Blocking
February 4, 2022
SLG59M1655V RENESAS-SLG59M1655V Datasheet
749Kb / 17P
An Ultra-small, 7.8 mΩ, 9 A, Single-channel Load Switch with Reverse-current Blocking
3-Feb-2022
SLG59M610V RENESAS-SLG59M610V Datasheet
301Kb / 12P
Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 14, 2022
SLG5NT1487V RENESAS-SLG5NT1487V Datasheet
296Kb / 11P
Ultra-small 7.8 mW 5 A Load Switch with Discharge
February 7, 2022
SLG5NT1611V RENESAS-SLG5NT1611V Datasheet
395Kb / 11P
An Ultra-small 7.8 mW, 9 A, Single-channel Load Switch with Reverse-current Blocking
February 8, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com