Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG5NT1611V Datasheet (PDF) - Renesas Technology Corp

SLG5NT1611V Datasheet PDF - Renesas Technology Corp
Part # SLG5NT1611V
Download  SLG5NT1611V Download
File Size   395.73 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description An Ultra-small 7.8 mW, 9 A, Single-channel Load Switch with Reverse-current Blocking

SLG5NT1611V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG5NT1611V Datasheet PDF - Renesas Technology Corp

Part # SLG5NT1611V
Download  SLG5NT1611V Click to download

File Size   395.73 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description An Ultra-small 7.8 mW, 9 A, Single-channel Load Switch with Reverse-current Blocking

SLG5NT1611V Datasheet (HTML) - Renesas Technology Corp


SLG5NT1611V Product details

Features
• High-performance MOSFET Switch Design
• Low Typical RDSON: 7.8 mΩ
• Steady-state Operating Current: Up to 9 A
• FET Bulk-switch Reverse-current Blocking
• Supply Voltage: 2.5 V ≤ VDD ≤ 5.5 V
• Wide Supply/Input Voltage Range: 0.85 V ≤ VIN ≤ VDD
• Capacitor-programmable Start-up and Inrush Current
Control
• Internal MOSFET Gate Drive
• Thermal Shutdown Protection
• Operating Temperature: -40 °C to 85 °C
• Low θJA, 14-pin 1.0 mm x 3.0 mm STDFN Packaging
• Pb-Free / Halogen-Free / RoHS complian




Similar Part No. - SLG5NT1611V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NT1611V DIALOG-SLG5NT1611V Datasheet
188Kb / 10P
An Ultra-small 7.8 m廓, 9 A, Single-channel Integrated Power Switch with Reverse-current Blocking
More results


Similar Description - SLG5NT1611V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NT1611V DIALOG-SLG5NT1611V Datasheet
188Kb / 10P
An Ultra-small 7.8 m廓, 9 A, Single-channel Integrated Power Switch with Reverse-current Blocking
SLG59M1655V DIALOG-SLG59M1655V Datasheet
585Kb / 16P
An Ultra-small, 7.8 m廓, 9 A, Single-channel Integrated Power Switch with Reverse-current Blocking
logo
Renesas Technology Corp
SLG5NT1437V RENESAS-SLG5NT1437V Datasheet
296Kb / 11P
Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 7, 2022
SLG59M1563V RENESAS-SLG59M1563V Datasheet
469Kb / 14P
An Ultra-small, 22.5 mΩ, 2.5 A Load Switch with Reverse Blocking
2-Feb-2022
SLG59M1600V RENESAS-SLG59M1600V Datasheet
393Kb / 12P
7.8 mW, 9 A Load Switch
February 10, 2022
SLG59M1655V RENESAS-SLG59M1655V Datasheet
749Kb / 17P
An Ultra-small, 7.8 mΩ, 9 A, Single-channel Load Switch with Reverse-current Blocking
3-Feb-2022
SLG59M309V RENESAS-SLG59M309V Datasheet
295Kb / 11P
Ultra-small 7.8 mW 4 A Load Switch
February 14, 2022
SLG59M610V RENESAS-SLG59M610V Datasheet
301Kb / 12P
Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 14, 2022
SLG5NT1602V RENESAS-SLG5NT1602V Datasheet
391Kb / 11P
7.8 mW, 9 A Load Switch with Discharge and Reverse Current Blocking
February 7, 2022
SLG7NT408V RENESAS-SLG7NT408V Datasheet
295Kb / 12P
Ultra-small 7.8 mW, 4 A Load Switch
February 25, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com