Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M1563V Datasheet (PDF) - Renesas Technology Corp

SLG59M1563V Datasheet PDF - Renesas Technology Corp
Part # SLG59M1563V
Download  SLG59M1563V Download
File Size   469.81 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description An Ultra-small, 22.5 mΩ, 2.5 A Load Switch with Reverse Blocking

SLG59M1563V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1563V Datasheet PDF - Renesas Technology Corp

Part # SLG59M1563V
Download  SLG59M1563V Click to download

File Size   469.81 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description An Ultra-small, 22.5 mΩ, 2.5 A Load Switch with Reverse Blocking

SLG59M1563V Datasheet (HTML) - Renesas Technology Corp


SLG59M1563V Product details

General Description
The SLG59M1563V is a 22.5 mΩ, 2.5 A single-channel load
switch that is able to switch 1 V to 5 V power rails. The product
is packaged in an ultra-small 1.0 x 1.6 mm package.
Features
• 1.0 x 1.6 x 0.55 mm STDFN 8L package (2 fused pins for
drain and 2 fused pins for source)
• Logic level ON pin capable of supporting 0.85 V CMOS
Logic
• 22.5 mΩ RDSON while supporting 2.5 A
• Power Good Output
• Pb-Free / Halogen-Free / RoHS compliant
• Operating Temperature: -40 °C to 85°C
• Operating Voltage: 1.5 V to 5.5 V




Similar Part No. - SLG59M1563V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1563V DIALOG-SLG59M1563V Datasheet
94Kb / 9P
Ultra-small 22.5 m 2.5 A Load Switch with Reverse Blocking
SLG59M1563VTR DIALOG-SLG59M1563VTR Datasheet
94Kb / 9P
Ultra-small 22.5 m 2.5 A Load Switch with Reverse Blocking
More results


Similar Description - SLG59M1563V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NT1586V DIALOG-SLG5NT1586V Datasheet
91Kb / 8P
Ultra-small 22.5 m廓 2.5 A Integrated Power Switch with Reverse Blocking
SLG59M1563V DIALOG-SLG59M1563V Datasheet
94Kb / 9P
Ultra-small 22.5 m 2.5 A Load Switch with Reverse Blocking
logo
Renesas Technology Corp
SLG5NT1458V RENESAS-SLG5NT1458V Datasheet
624Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge
7-Feb-2022
SLG59M1448V RENESAS-SLG59M1448V Datasheet
636Kb / 16P
An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge
27-Oct-2022
SLG59M1545V RENESAS-SLG59M1545V Datasheet
606Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch
2-Feb-2022
SLG59M1598V RENESAS-SLG59M1598V Datasheet
608Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge
2-Feb-2022
SLG59M1641V RENESAS-SLG59M1641V Datasheet
613Kb / 15P
Ultra-small 2-Channel 45 mΩ/2 A Load Switch with Reverse-Current Blocking
7-Feb-2022
SLG59M1649V RENESAS-SLG59M1649V Datasheet
620Kb / 17P
An Ultra-small, Low-power 23 mΩ, 4 A, P-Channel Load Switch with Reverse-Current Blocking
2-Feb-2022
SLG59M1655V RENESAS-SLG59M1655V Datasheet
749Kb / 17P
An Ultra-small, 7.8 mΩ, 9 A, Single-channel Load Switch with Reverse-current Blocking
3-Feb-2022
SLG5NT1586V RENESAS-SLG5NT1586V Datasheet
470Kb / 14P
An Ultra-small, 22.5 mΩ, 2.5 A Load Switch with Reverse Blocking
7-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com