Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M1649V Datasheet (PDF) - Renesas Technology Corp

SLG59M1649V Datasheet PDF - Renesas Technology Corp
Part # SLG59M1649V
Download  SLG59M1649V Download
File Size   620.62 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description An Ultra-small, Low-power 23 mΩ, 4 A, P-Channel Load Switch with Reverse-Current Blocking

SLG59M1649V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1649V Datasheet PDF - Renesas Technology Corp

Part # SLG59M1649V
Download  SLG59M1649V Click to download

File Size   620.62 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description An Ultra-small, Low-power 23 mΩ, 4 A, P-Channel Load Switch with Reverse-Current Blocking

SLG59M1649V Datasheet (HTML) - Renesas Technology Corp


SLG59M1649V Product details

General Description
The SLG59M1649V is a self-powered, high-performance,
23 mΩ pFET load switch designed for 1.5 V to 5.5 V power rail
applications up to 4 A. When enabled, internal reverse-current
protection will quickly open the switch in the event of a
reverse-voltage condition is detected
(a VOUT + 50 mV > VIN condition opens the switch). Upon the
detection of a reverse condition, an open-drain FAULT output
is asserted. In the event the VIN voltage is too low, the load
switch also contains an internal VIN(UVLO) threshold monitor to
keep or to turn the switch OFF.
Designed to operate over a -40°C to 85°C range, the
SLG59M1649V is available in a RoHS-compliant, ultra-small
1.0 x 1.6 mm STDFN package.
Features
• Steady-state Operating Current: Up to 4 A
• Low Typical RDSON:
• 23 mΩ at VIN = 5 V
• 31 mΩ at VIN = 2.5 V
• 42 mΩ at VIN = 1.5 V
• Operating Voltage: 1.5 V to 5.5 V
• Reverse-voltage Detection when ON or OFF
• Internal Gate Driver and VOUT Discharge
• Open-drain FAULT Signaling
• Operating temperature range: -40°C to 85°C
• Low θJA, 8-pin 1.0 mm x 1.6 mm STDFN Packaging
• Pb-Free / Halogen-Free / RoHS compliant packaging




Similar Part No. - SLG59M1649V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1649V DIALOG-SLG59M1649V Datasheet
230Kb / 13P
An Ultra-small, Low-power 23 m廓/4 A P-Channel Integrated Power Switch with Reverse-Current Blocking
More results


Similar Description - SLG59M1649V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG7NT614V DIALOG-SLG7NT614V Datasheet
116Kb / 10P
Ultra-small 22 m廓 4 A Load Switch with Reverse Current Blocking
SLG59M611V DIALOG-SLG59M611V Datasheet
129Kb / 11P
Ultra-small 22 m廓 4 A Load Switch with Reverse Current Blocking
SLG59M1649V DIALOG-SLG59M1649V Datasheet
230Kb / 13P
An Ultra-small, Low-power 23 m廓/4 A P-Channel Integrated Power Switch with Reverse-Current Blocking
logo
Renesas Technology Corp
SLG59M1717V RENESAS-SLG59M1717V Datasheet
1,004Kb / 26P
An Ultra-small, 4 mΩ, 5 A Load Switch with PG Output
3-Feb-2022
SLG59M1563V RENESAS-SLG59M1563V Datasheet
469Kb / 14P
An Ultra-small, 22.5 mΩ, 2.5 A Load Switch with Reverse Blocking
2-Feb-2022
SLG59M1639V RENESAS-SLG59M1639V Datasheet
597Kb / 15P
Ultra-small 2-Channel 45 mΩ/2 A Load Switch with Reverse-Current Blocking
4-Feb-2022
SLG59M1641V RENESAS-SLG59M1641V Datasheet
613Kb / 15P
Ultra-small 2-Channel 45 mΩ/2 A Load Switch with Reverse-Current Blocking
7-Feb-2022
SLG59M1655V RENESAS-SLG59M1655V Datasheet
749Kb / 17P
An Ultra-small, 7.8 mΩ, 9 A, Single-channel Load Switch with Reverse-current Blocking
3-Feb-2022
SLG5NT1586V RENESAS-SLG5NT1586V Datasheet
470Kb / 14P
An Ultra-small, 22.5 mΩ, 2.5 A Load Switch with Reverse Blocking
7-Feb-2022
SLG5NT1611V RENESAS-SLG5NT1611V Datasheet
395Kb / 11P
An Ultra-small 7.8 mW, 9 A, Single-channel Load Switch with Reverse-current Blocking
February 8, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com