Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M1639V Datasheet (PDF) - Renesas Technology Corp

SLG59M1639V Datasheet PDF - Renesas Technology Corp
Part # SLG59M1639V
Download  SLG59M1639V Download
File Size   597.46 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-small 2-Channel 45 mΩ/2 A Load Switch with Reverse-Current Blocking

SLG59M1639V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1639V Datasheet PDF - Renesas Technology Corp

Part # SLG59M1639V
Download  SLG59M1639V Click to download

File Size   597.46 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-small 2-Channel 45 mΩ/2 A Load Switch with Reverse-Current Blocking

SLG59M1639V Datasheet (HTML) - Renesas Technology Corp


SLG59M1639V Product details

General Description
The SLG59M1639V is a dual-channel, 45 mΩ pFET load
switch designed to switch 1.5 to 5.5 V power rails up to 2 A in
each channel. When either channel is enabled,
reverse-current protection will quickly open the switch in the
event of a reverse-voltage condition is detected
(a VOUT > VIN + 50 mV condition opens the switch). In the
event that the channel’s VIN voltage is too low, the load switch
also contains an internal VIN(UVLO) threshold monitor to keep
or to turn the switch OFF. Each load switch is independently
controlled via its own low-voltage compatible CMOS input.
Designed to operate over a -40°C to 85°C range, the
SLG59M1639V is available in a RoHS-compliant, ultra-small
1.6 x 1.0 mm STDFN package.
Features
• Integrated 2-Channel pFET Load Switch
• 2 A Maximum Continuous Switch Current per Channel
• Low Typical RDSON:
• 45 mΩ at VIN = 5 V
• 60 mΩ at VIN = 2.5 V
• 80 mΩ at VIN = 1.5 V
• Operating Voltage: 1.5 V to 5.5 V
• Reverse-current/voltage Protection
• Low-voltage CMOS Logic Compatible Switch Control
• Operating temperature range: -40°C to 85°C
• Pb-Free / Halogen-Free / RoHS compliant packaging




Similar Part No. - SLG59M1639V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1639V DIALOG-SLG59M1639V Datasheet
407Kb / 11P
Reverse-current/voltage Protection
SLG59M1639VTR DIALOG-SLG59M1639VTR Datasheet
407Kb / 11P
Reverse-current/voltage Protection
More results


Similar Description - SLG59M1639V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG7NT614V DIALOG-SLG7NT614V Datasheet
116Kb / 10P
Ultra-small 22 m廓 4 A Load Switch with Reverse Current Blocking
SLG59M611V DIALOG-SLG59M611V Datasheet
129Kb / 11P
Ultra-small 22 m廓 4 A Load Switch with Reverse Current Blocking
SLG59M1638V DIALOG-SLG59M1638V Datasheet
270Kb / 11P
Ultra-small 2-Channel 45 m廓/2 A Power Switch with Reverse-Current Blocking
SLG59M1640V DIALOG-SLG59M1640V Datasheet
267Kb / 12P
Ultra-small 2-Channel 45 m廓/2 A Power Switch with Reverse-Current Blocking
SLG59M1641V DIALOG-SLG59M1641V Datasheet
489Kb / 11P
Ultra-small 2-Channel 45 m廓/2 A Power Switch with Reverse-Current Blocking
logo
Renesas Technology Corp
SLG59M1563V RENESAS-SLG59M1563V Datasheet
469Kb / 14P
An Ultra-small, 22.5 mΩ, 2.5 A Load Switch with Reverse Blocking
2-Feb-2022
SLG59M1641V RENESAS-SLG59M1641V Datasheet
613Kb / 15P
Ultra-small 2-Channel 45 mΩ/2 A Load Switch with Reverse-Current Blocking
7-Feb-2022
SLG59M1649V RENESAS-SLG59M1649V Datasheet
620Kb / 17P
An Ultra-small, Low-power 23 mΩ, 4 A, P-Channel Load Switch with Reverse-Current Blocking
2-Feb-2022
SLG59M1655V RENESAS-SLG59M1655V Datasheet
749Kb / 17P
An Ultra-small, 7.8 mΩ, 9 A, Single-channel Load Switch with Reverse-current Blocking
3-Feb-2022
SLG5NT1586V RENESAS-SLG5NT1586V Datasheet
470Kb / 14P
An Ultra-small, 22.5 mΩ, 2.5 A Load Switch with Reverse Blocking
7-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com