Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M1448V Datasheet (PDF) - Renesas Technology Corp

SLG59M1448V Datasheet PDF - Renesas Technology Corp
Part # SLG59M1448V
Download  SLG59M1448V Download
File Size   636.59 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge

SLG59M1448V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1448V Datasheet PDF - Renesas Technology Corp

Part # SLG59M1448V
Download  SLG59M1448V Click to download

File Size   636.59 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge

SLG59M1448V Datasheet (HTML) - Renesas Technology Corp


SLG59M1448V Product details

General DescriptionThe SLG59M1448V is a 17 mΩ 2.5 A single-channel load switch that is able to switch 0.9 V to 5.5 V power rails. The product is packaged in an ultra-small 1.0 x 1.6 mm package.
Features•1.0 x 1.6 x 0.55 mm STDFN package (2 fused pins for drain and 2 fused pins for source)•Logic level ON pin capable of supporting 0.85 V CMOS Logic•User selectable ramp rate with external capacitor•17 mΩRDSON while supporting 2.5 A•Discharges load when off•Two Over Current Protection Modes•Short Circuit Current Limit•Active Current Limit•Over Temperature Protection•Pb-Free / Halogen-Free / RoHS compliant•Operating Temperature: -40 C to 85 C




Similar Part No. - SLG59M1448V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1448V DIALOG-SLG59M1448V Datasheet
163Kb / 12P
Ultra-small 17 m 2.5 A Load Switch with Discharge
SLG59M1448VTR DIALOG-SLG59M1448VTR Datasheet
163Kb / 12P
Ultra-small 17 m 2.5 A Load Switch with Discharge
More results


Similar Description - SLG59M1448V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NT1458V DIALOG-SLG5NT1458V Datasheet
163Kb / 12P
Ultra-small 17 m 2.5 A Load Switch with Discharge
SLG59M1448V DIALOG-SLG59M1448V Datasheet
163Kb / 12P
Ultra-small 17 m 2.5 A Load Switch with Discharge
SLG59M1598V DIALOG-SLG59M1598V Datasheet
163Kb / 12P
Ultra-small 17 m 2.5 A Load Switch with Discharge
logo
Renesas Technology Corp
SLG5NT1458V RENESAS-SLG5NT1458V Datasheet
624Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge
7-Feb-2022
SLG59M1440V RENESAS-SLG59M1440V Datasheet
629Kb / 15P
An Ultra-small 40 mΩ, 1 A, Load Switch with Discharge
3-Feb-2022
SLG59M1545V RENESAS-SLG59M1545V Datasheet
606Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch
2-Feb-2022
SLG59M1563V RENESAS-SLG59M1563V Datasheet
469Kb / 14P
An Ultra-small, 22.5 mΩ, 2.5 A Load Switch with Reverse Blocking
2-Feb-2022
SLG59M1598V RENESAS-SLG59M1598V Datasheet
608Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge
2-Feb-2022
SLG59M1658V RENESAS-SLG59M1658V Datasheet
525Kb / 15P
An Ultra-small 1.6 mm2, 17 mΩ, 2.5 A, 125°C-Rated Internally-protected Load Switch with Discharge
February 14, 2022
SLG5NT1586V RENESAS-SLG5NT1586V Datasheet
470Kb / 14P
An Ultra-small, 22.5 mΩ, 2.5 A Load Switch with Reverse Blocking
7-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com