Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG5NT1437V Datasheet (PDF) - Renesas Technology Corp

SLG5NT1437V Datasheet PDF - Renesas Technology Corp
Part # SLG5NT1437V
Download  SLG5NT1437V Download
File Size   296.28 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking

SLG5NT1437V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG5NT1437V Datasheet PDF - Renesas Technology Corp

Part # SLG5NT1437V
Download  SLG5NT1437V Click to download

File Size   296.28 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking

SLG5NT1437V Datasheet (HTML) - Renesas Technology Corp


SLG5NT1437V Product details

General Description
The SLG5NT1437V is a 22 mW 4 A single-channel load switch
that is able to switch 1 to 5 V power rails. The product is
packaged in an ultra-small 1.5 x 2.0 mm package.
Features
• 1.5 x 2.0 mm FC-TDFN 8L package (2 fused pins for drain
and 2 fused pins for source)
• Logic level ON pin capable of supporting 0.85 V CMOS
Logic
• User selectable ramp rate with external capacitor
• 22 mW RDSONwhile supporting 4 A
• Two Over Current Protection Modes
• Short Circuit Current Limit
• Active Current Limit
• Over Temperature Protection
• Pb-Free / Halogen-Free / RoHS compliant
• Operating Temperature: -40 °C to 85°C
• Operating Voltage: 2.5 V to 5.5 V
• MSL Level 1




Similar Part No. - SLG5NT1437V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NT1437V DIALOG-SLG5NT1437V Datasheet
147Kb / 10P
Ultra-small 22 m廓 4 A Load Switch with Discharge and Reverse Current Blocking
SLG5NT1437VTR DIALOG-SLG5NT1437VTR Datasheet
147Kb / 10P
Ultra-small 22 m廓 4 A Load Switch with Discharge and Reverse Current Blocking
More results


Similar Description - SLG5NT1437V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NT1437V DIALOG-SLG5NT1437V Datasheet
147Kb / 10P
Ultra-small 22 m廓 4 A Load Switch with Discharge and Reverse Current Blocking
SLG7NT614V DIALOG-SLG7NT614V Datasheet
116Kb / 10P
Ultra-small 22 m廓 4 A Load Switch with Reverse Current Blocking
SLG59M610V DIALOG-SLG59M610V Datasheet
130Kb / 11P
Ultra-small 22 m廓 4 A Load Switch with Discharge and Reverse Current Blocking
SLG59M611V DIALOG-SLG59M611V Datasheet
129Kb / 11P
Ultra-small 22 m廓 4 A Load Switch with Reverse Current Blocking
logo
Renesas Technology Corp
SLG5NT1432V RENESAS-SLG5NT1432V Datasheet
295Kb / 11P
Ultra-small 7.8 mW 4 A Load Switch with Discharge
February 7, 2022
SLG59M1571V RENESAS-SLG59M1571V Datasheet
400Kb / 9P
Ultra-small 14.6 mW 1.0 A GreenFET Load Switch with Discharge and Reverse Blocking
February 14, 2022
SLG59M1603V RENESAS-SLG59M1603V Datasheet
359Kb / 11P
Dual 4.5A Load Switch with Discharge and Reverse Current Blocking
February 4, 2022
SLG59M610V RENESAS-SLG59M610V Datasheet
301Kb / 12P
Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 14, 2022
SLG5NT1602V RENESAS-SLG5NT1602V Datasheet
391Kb / 11P
7.8 mW, 9 A Load Switch with Discharge and Reverse Current Blocking
February 7, 2022
SLG5NT1611V RENESAS-SLG5NT1611V Datasheet
395Kb / 11P
An Ultra-small 7.8 mW, 9 A, Single-channel Load Switch with Reverse-current Blocking
February 8, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com